Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 146 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 146 Page - ams AG

Back Button AS3911 Datasheet HTML 142Page - ams AG AS3911 Datasheet HTML 143Page - ams AG AS3911 Datasheet HTML 144Page - ams AG AS3911 Datasheet HTML 145Page - ams AG AS3911 Datasheet HTML 146Page - ams AG AS3911 Datasheet HTML 147Page - ams AG AS3911 Datasheet HTML 148Page - ams AG AS3911 Datasheet HTML 149Page - ams AG AS3911 Datasheet HTML 150Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 159 page
background image
Page 146
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Stream Mode and Transparent Mode
Standard and custom 13.56 MHz RFID reader protocols, which
are not supported by the AS3911 framing, can be realized using
the AS3911 AFE and framing implemented in the external
microcontroller.
Transparent Mode
After sending the direct command Transparent Mode the
external microcontroller directly controls the transmission
modulator and gets the Receiver output (control logic becomes
“transparent”).
The Transparent Mode is entered on rising edge of signal /SS
after sending the command Transparent Mode and is
maintained as long as the signal /SS is kept high. Before sending
the direct command Transparent Mode the Transmitter and
Receiver have to be turned on, the AFE has to be configured
properly.
While the AS3911 is in the Transparent Mode the AFE is
controlled directly through SPI interface:
• Transmitter modulation is controlled by pin MOSI (high is
modulator on)
• Signal rx_on is controlled by pin SCLK (high enables RSSI
and AGC)
• Output of Receiver AM demodulation chain (digitized
sub-carrier signal) is sent to pin MISO
• Output of Receiver PM demodulation chain (digitized
sub-carrier signal) is sent to pin IRQ
By controlling the rx_on advanced Receiver features like the
RSSI and AGC can be used. The receiver channel selection bits
are valid also in Transparent mode, therefore it is possible to
use only one of the two channel outputs. In case single channel
is selected it is always multiplexed to MISO, while IRQ is kept
low.
Configuration bits related to the ISO mode, framing and FIFO
are of course meaningless in Transparent Mode, all other
configuration bits are respected.
Use of Transparent Mode to implement active peer to peer
(NFC) communication:
The framing implemented in the AS3911 supports all active
modes according to the NFCIP-1 specification (ISO/IEC
18092:2004). In case any amendments to this specification or
some custom active NFC communication need to be
implemented Transparent mode can be used.
There is no special NFC active communication transparent
mode, controlling of the Tx modulation and the Rx is done as
described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com