Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 147 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 147 Page - ams AG

Back Button AS3911 Datasheet HTML 143Page - ams AG AS3911 Datasheet HTML 144Page - ams AG AS3911 Datasheet HTML 145Page - ams AG AS3911 Datasheet HTML 146Page - ams AG AS3911 Datasheet HTML 147Page - ams AG AS3911 Datasheet HTML 148Page - ams AG AS3911 Datasheet HTML 149Page - ams AG AS3911 Datasheet HTML 150Page - ams AG AS3911 Datasheet HTML 151Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 159 page
background image
ams Datasheet
Page 147
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
The difference comparing to the reader transparent mode is
that the emission of the carrier field has to be enabled only
during Tx. This is done by writing the Operation Control Register
before and after Tx. Since with every SPI command the
Transparent mode is lost it has to be re-entered.
In order to receive the reply in active NFC communication mode
only the AM demodulation channel is used. Due to this the
Receiver AM channel has to be enabled, while PM can be
disabled.
Implementing active communication requires detection of
external field. Setting the bit en_fd in the Auxiliary Definition
Register enables the External Field Detector with Peer
Detection Threshold. When bit en_fd is selected and the AS3911
is in Transparent mode, the External Field Detector output is
multiplexed to pin IRQ. This enables detection of external
target/initiator field and performing RF collision avoidance.
In case timing of the NFC Field ON command is correct for the
NFC active protocol which is being implemented, these
commands can be used in combination with the Transparent
mode. These commands are used to perform the RF collision
avoidance, switching on the field and timing out the minimum
time from switching on the field to start of transmitting the
message. After getting the interrupt, the controller generates
the message in the Transparent mode.
When bit en_fd is set and all bits of the Operation Control
Register are set to 0 the AS3911 is in the low power NFC Target
Mode (same as in case of setting of targ bit, (see NFCIP-1 Active
Communication Target). In this mode initiator field is detected.
After getting an IRQ with I_eon flag set, the controller turns on
the oscillator, regulator and receiver and performs reception in
the Transparent mode.
MIFARE™ Classic Compatibility
For communication with MIFARE™ Classic compliant devices the
bit6 and bit7 from the register 05h can be used to enable Type
A custom frames. Alternatively stream mode of AS3911 can be
used to send and receive MIFARE™ Classic compliant or custom
frames.
Stream Mode
Stream mode can be used to implement protocols, where the
low level framing needed for ISO14443 receive coding can be
used and decoded information can be put in FIFO. The main
advantage of this mode over the Transparent mode is that
timing is generated in the AS3911 therefore the external
controller does not have to operate in real time. The stream
mode is selected in the Mode Definition Register, the operating
options are defined in the Stream Mode Definition Register.
Two different modes are supported for tag to reader
communication (Sub-carrier and BPSK Stream Modes). General
rule for Stream mode is that the first bit sent/received is put on
the LSB position of the FIFO byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com