Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 149 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 149 Page - ams AG

Back Button AS3911 Datasheet HTML 145Page - ams AG AS3911 Datasheet HTML 146Page - ams AG AS3911 Datasheet HTML 147Page - ams AG AS3911 Datasheet HTML 148Page - ams AG AS3911 Datasheet HTML 149Page - ams AG AS3911 Datasheet HTML 150Page - ams AG AS3911 Datasheet HTML 151Page - ams AG AS3911 Datasheet HTML 152Page - ams AG AS3911 Datasheet HTML 153Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 159 page
background image
ams Datasheet
Page 149
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Start of receive interrupt is sent and the first data bit is put in
FIFO after the first reporting time period with sub-carrier is
detected. Logic 0 is used for the initially detected phase, while
logic 1 indicates inverted phase comparing to the initial phase.
End of receive is reported when the first reporting period
without sub-carrier is detected.
Figure below depicts an example for setting scf = 01b and
scp = 01b. With this setting the sub-carrier frequency is set to
fc/8 (1695 kHz) and the reporting period to two sub-carrier
periods (16/fc - ~1.18μs).
Figure 128:
Example of BPSK Stream Mode for scf = 01b and scp = 01b
Reader to Tag Communication in Stream Mode:
Reader to tag communication control is the same for both
stream modes. Reader to tag coding is defined by data put in
FIFO. The stx bits of Stream Mode Definition Register define the
Tx time period during which one bit of FIFO data define the
status of transmitter. In case the data bit is set to logic 0 there
is no modulation, in case it is logic 1 the transmitted carrier
signal is modulated according to current modulation type
setting (AM or OOK). Transmission in stream mode is started by
sending direct commands Transmit Without CRC or Transmit
With CRC.
Figure below depicts an example for setting stx = 000b. With
this setting the Tx time period is defined to 128/fc (~9,44μs).
Figure 129:
Example of Tx in Stream Mode for stx = 000b and OOK Modulation
Data in FIFO
Input signal
0
8/fc
16/fc
0
1
0
Data in FIFO
Output signal
0
128/fc
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com