Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 150 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 150 Page - ams AG

Back Button AS3911 Datasheet HTML 146Page - ams AG AS3911 Datasheet HTML 147Page - ams AG AS3911 Datasheet HTML 148Page - ams AG AS3911 Datasheet HTML 149Page - ams AG AS3911 Datasheet HTML 150Page - ams AG AS3911 Datasheet HTML 151Page - ams AG AS3911 Datasheet HTML 152Page - ams AG AS3911 Datasheet HTML 153Page - ams AG AS3911 Datasheet HTML 154Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 159 page
background image
Page 150
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Pack age Drawings & Mark ings
The device is available in a 32-pin QFN (5x5mm) package.
Figure 130:
Package Drawings
Note(s):
1. Dimensioning and tolerances conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Co-planarity applies to the exposed heat slug as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
Figure 131:
Packaging Code YYWWXZZ
YY
WW
X
ZZ
@
Year
Manufacturing week
Plant Identifier
Traceability code
Sublot Identifier
Package Drawings & Markings
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
-
0.20 REF
-
L
0.35
0.40
0.45
q0º
14º
b
0.18
0.25
0.30
D5.00 BSC
E5.00 BSC
e0.50 BSC
D2
3.40
3.50
3.60
E2
3.40
3.50
3.60
D1
-
4.75 BSC
-
E1
-
4.75 BSC
-
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N32
AS3911
YYWWXZZ
@
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com