Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 148 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 148 Page - ams AG

Back Button AS3911 Datasheet HTML 144Page - ams AG AS3911 Datasheet HTML 145Page - ams AG AS3911 Datasheet HTML 146Page - ams AG AS3911 Datasheet HTML 147Page - ams AG AS3911 Datasheet HTML 148Page - ams AG AS3911 Datasheet HTML 149Page - ams AG AS3911 Datasheet HTML 150Page - ams AG AS3911 Datasheet HTML 151Page - ams AG AS3911 Datasheet HTML 152Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 159 page
background image
Page 148
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
After selecting the stream mode the Receiver and Transmitter
have to be configured properly (Analog Preset direct command
doesn't apply for stream mode).
Sub-Carrier Stream Mode:
This mode supports protocols where during the tag to reader
communication the time periods with sub-carrier signal are
interchanged with time periods without modulation (like in the
ISO14443A 106 kbit/s mode). In this mode the sub-carrier
frequency and number of sub-carrier frequency periods in one
reporting period is defined. Sub-carrier frequency in the range
from fc/64 (212 kHz) to fc/8 (1695 kHz) are supported.
Supported number of sub-carrier frequency periods in one
reporting period range from two to eight.
Start of receive interrupt is sent and the first data bit is put in
FIFO after the first reporting time period with sub-carrier is
detected. One bit of FIFO data gives information about status
of input signal during one reporting period. Logic 1 means that
the sub-carrier was detected during reporting period, while 0
means that no modulation was detected during reporting
period. End of receive is reported when no sub-carrier signal in
more than eight reporting periods have been detected.
Figure below depicts an example for setting scf = 01b and
scp = 10b. With this setting the sub-carrier frequency is set to
fc/32 (424 kHz) and the reporting period to four sub-carrier
periods (128/fc - ~106 μs).
Figure 127:
Example of Sub-Carrier Stream Mode for scf = 01b and scp = 10b
BPSK Stream Mode:
This mode supports protocols where during the tag to reader
communication BPSK code is used (like in the ISO14443B mode).
In this mode the sub-carrier frequency and number of
sub-carrier frequency periods in one reporting period is
defined. Sub-carrier frequency in the range from fc/16 (848 kHz)
to fc/4 (3390 kHz) are supported. Supported number of
sub-carrier frequency periods in one reporting period range
from one to eight.
DatainFIFO
Inputsignal
1
32/fc
128/fc
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com