Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 120Page - NXP Semiconductors MMPF0100 Datasheet HTML 121Page - NXP Semiconductors MMPF0100 Datasheet HTML 122Page - NXP Semiconductors MMPF0100 Datasheet HTML 123Page - NXP Semiconductors MMPF0100 Datasheet HTML 124Page - NXP Semiconductors MMPF0100 Datasheet HTML 125Page - NXP Semiconductors MMPF0100 Datasheet HTML 126Page - NXP Semiconductors MMPF0100 Datasheet HTML 127Page - NXP Semiconductors MMPF0100 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 136 page
background image
124
NXP Semiconductors
PF0100
TYPICAL APPLICATIONS
Figure 36. Recommended shielding for critical signals
•
These signals can be placed on an outer layer of the board to reduce their capacitance with respect to the ground plane.
•
Care must be taken with these signals not to contaminate analog signals, as they are high frequency signals. Another good
practice is to trace them perpendicularly on different layers, so there is a minimum area of proximity between signals.
7.2.5
Switching regulator layout recommendations
1. Per design, the switching regulators in PF0100 are designed to operate with only one input bulk capacitor. However, it is
recommended to add a high frequency filter input capacitor (CIN_hf), to filter out any noise at the regulator input. This capacitor
should be in the range of 100 nF and should be placed right next to or under the IC, closest to the IC pins.
2. Make high-current ripple traces low-inductance (short, high W/L ratio).
3. Make high-current traces wide or copper islands.
4. Make high-current traces symetrical for dual–phase regulators (SW1, SW3).
Figure 37. Generic buck regulator architecture
Driver Controller
SWxIN
SWxLX
SWxFB
COUT
CIN
L
SWx
VIN
Compensation
CIN_HF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com