Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 28Page - Texas Instruments TDP0604 Datasheet HTML 29Page - Texas Instruments TDP0604 Datasheet HTML 30Page - Texas Instruments TDP0604 Datasheet HTML 31Page - Texas Instruments TDP0604 Datasheet HTML 32Page - Texas Instruments TDP0604 Datasheet HTML 33Page - Texas Instruments TDP0604 Datasheet HTML 34Page - Texas Instruments TDP0604 Datasheet HTML 35Page - Texas Instruments TDP0604 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Figure 8-7 shows an example source application of snooping from the LV DDC pins. In this example, the DDC
buffer must be disabled and the HV DDC pins must be floating. This connection is supported in pin-strap mode
when MODE pin is "R". In I2C mode, the DDCBUF_EN register must be cleared to disable the DDC Buffer.
DP++
Or HDMI
Source
Redriver
LV_DDC_SDA
LV_DDC_SCL
VIO (1.14V to 3.6V)
HV_DDC_SDA
HV_DDC_SCL
Discrete
DDC
Level shi er
1.8-k
HDMI_5V
Figure 8-7. Source Application: DDC Buffer Disabled and Snoop from LV DDC pins
Figure 8-8 shows the connection of the LV and HV DDC pins when using the DDC buffer in a sink application.
This connection is supported in pin-strap mode when MODE pin is "0" or "1". In I2C mode, the DDCBUF_EN
register must be set to enable the DDC Buffer.
HDMI SINK
(scaler)
47-k
Redriver
LV_DDC_SDA
LV_DDC_SCL
VIO (1.14V to 3.6V)
HDMI_5V
HV_DDC_SDA
HV_DDC_SCL
Figure 8-8. Sink Application: DDC Buffer Enabled
Figure 8-9 shows an example sink application of snooping from the LV DDC pins. In this example, the DDC
buffer must be disabled and the HV DDC pins must be floating. This connection is supported in pin-strap mode
when MODE pin is "R". In I2C mode, the DDCBUF_EN register must be cleared to disable the DDC Buffer.
Redriver
LV_DDC_SDA
LV_DDC_SCL
VIO (1.14V to 3.6V)
HV_DDC_SDA
HV_DDC_SCL
HDMI_5V
47-k
HDMI SINK
(scaler)
Discrete
DDC
Level shi er
Figure 8-9. Sink Application: DDC Buffer Disabled and Snoop from LV DDC pins
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com