Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 18Page - Texas Instruments TDP0604 Datasheet HTML 19Page - Texas Instruments TDP0604 Datasheet HTML 20Page - Texas Instruments TDP0604 Datasheet HTML 21Page - Texas Instruments TDP0604 Datasheet HTML 22Page - Texas Instruments TDP0604 Datasheet HTML 23Page - Texas Instruments TDP0604 Datasheet HTML 24Page - Texas Instruments TDP0604 Datasheet HTML 25Page - Texas Instruments TDP0604 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
8 Detailed Description
8.1 Overview
The TDP0604 is a HDMI 2.0 redriver supporting data rates up to 6 Gbps. It is also backwards compatible
to HDMI 1.4b. The high-speed differential inputs and outputs can be either AC-coupled or DC-coupled, which
qualifies the TDP0604 to be used as a DP++ to HDMI level shifter or HDMI redriver.
The TDP0604 configuration can be programmed by pin strap or I2C. Receiver equalization, TX pre-emphasis,
and TX voltage swing are controlled globally by pin-strap pins such as CTLEMAP_SEL, EQ[1:0], TXSWG, and
TXPRE. In I2C mode, all transmitter and receiver settings for each lane are independently controlled. Four
TDP0604 devices can be used on one I2C bus with each unique TDP0604 address set by the ADDR pin.
The TDP0604 is a hybrid redriver supporting both source and sink applications. A hybrid redriver can operate
either in a linear or limited redriver function. When configured as a limited redriver, the TDP0604 differential
output voltage levels are independent of the graphics process unit (GPU) output levels ensuring HDMI compliant
levels at the receptacle. The limited redriver is a recommended mode for HDMI source applications. When
configured as a linear redriver, the TDP0604 differential output levels are a linear function of the GPU output
levels. Linear redriver mode is the recommended mode for sink applications.
For ease of use, the TDP0604 supports single power supply rails of 3.3 V on VCC, integrated HPD level shifter,
and DDC buffer eliminating the need for external discrete solutions.
TDP0604 supports up to 16 EQ gain options to compensate for different lengths of input cables or board traces.
The EQ gain can be software adjusted by I2C control or pin strapping EQ0 and EQ1 pins. To assist in ease of
implementation, the TDP0604 supports lanes swapping; see Section 8.3.4. Two temperature gradient versions
of the device are available: commercial with a temperature range of 0°C to 70°C (TDP0604) and an industrial
temperature range of –40°C to 85°C (TDP0604I).
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com