Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 20Page - Texas Instruments TDP0604 Datasheet HTML 21Page - Texas Instruments TDP0604 Datasheet HTML 22Page - Texas Instruments TDP0604 Datasheet HTML 23Page - Texas Instruments TDP0604 Datasheet HTML 24Page - Texas Instruments TDP0604 Datasheet HTML 25Page - Texas Instruments TDP0604 Datasheet HTML 26Page - Texas Instruments TDP0604 Datasheet HTML 27Page - Texas Instruments TDP0604 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
8.3 Feature Description
8.3.1 4-Level Inputs
The TDP0604 has 4-level inputs pins that are used to control the receiver equalization gain, transmitter voltage
swing, and pre-emphasis, and place TDP0604 into different modes of operation. These 4-level inputs utilize a
resistor divider to help set the 4 valid levels and provide a wider range of control settings. There is an internal
pull-up and a pull-down resistors. These resistors, together with the external resistor connection combine to
achieve the desired voltage level.
Table 8-1. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Tie 1-kΩ 5% to GND.
R
Tie 20-kΩ 5% to GND.
F
Float (leave pin open)
1
Tie 1-kΩ 5% to VCC.
Note
Figure 7-1 shows how all 4-level inputs are latched after the rising edge of the EN pin. After these pins
are sampled, the internal pull-up and pull-down resistors will be isolated to save power.
8.3.2 I/O Voltage Level Selection
The TDP0604 supports 1.2-V, 1.8-V, and 3.3-V LVCMOS levels. The VIO pin is used to select which voltage
level is used for the following 2-level control pins: LV_DDC_SDA, LV_DDC_SCL, SCL/CFG0, and SDA/CFG1.
The AC_EN pin threshold is fixed at 3.3-V LVCMOS levels. EN pin threshold is fixed at 1.2-V LVCMOS
threshold.
Table 8-2. Selection of LVCMOS Signaling Level
VIO pin
LVCMOS Signaling Level
VALUE < 1.5-V
1.2-V
1.5-V < VALUE < 2.5-V
1.8-V
VALUE > 2.5-V
3.3-V
8.3.3 HPD_OUT
The TDP0604 will level shift 5 V signalling level present on HPD_IN pin to a lower voltage such as 1.8 V or 3.3
V levels on the HPD_OUT pin. The HPD_OUT supports both push-pull and open drain. The default operation is
push-pull. Selection between push-pull and open drain is done through the HPDOUT_SEL register.
When HPD_OUT is configured for push-pull operation, the output level of HPD_OUT is determined by VIO as
detailed in Table 8-2. Please note push-pull operation is not supported for VIO less than 1.7 V.
Note
Open-drain operation is only supported when TDP0604 is configured for I2C mode.
When EN pin is low, the HPD_OUT pin will be in a high impedance state. It is recommended to have a
weak pull-down resistor (such as 220k) on HPD_OUT.
8.3.4 Lane Control
The TDP0604 has various lane control features. Pin strapping globally controls features like receiver
equalization, VOD swing, slew rate, and pre-emphasis or de-emphasis. Through I2C receiver equalization,
transmitter swing, and pre-emphasis for each lane can be independently controlled.
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com