Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 35Page - Texas Instruments TDP0604 Datasheet HTML 36Page - Texas Instruments TDP0604 Datasheet HTML 37Page - Texas Instruments TDP0604 Datasheet HTML 38Page - Texas Instruments TDP0604 Datasheet HTML 39Page - Texas Instruments TDP0604 Datasheet HTML 40Page - Texas Instruments TDP0604 Datasheet HTML 41Page - Texas Instruments TDP0604 Datasheet HTML 42Page - Texas Instruments TDP0604 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
9. The TDP0604 shall wait for either an acknowledge (ACK) or a not-acknowledge (NACK) from the master
after each byte transfer; the I2C master acknowledges reception of each data byte transfer.
10. If an ACK is received, the TDP0604 transmits the next byte of data as long as master provides the clock. If a
NAK is received, the TDP0604 stops providing data and waits for a stop condition (P).
11. The master terminates the read operation by generating a stop condition (P).
A6
A5
A4
A3
A2
A1
A0
0
S
C7
C6
C5
C4
C3
C2
C1
C0
A
Slave Address
A
Register Offset
Write
Ack
Start
P
Stop
Figure 8-14. I2C Write without data
The following procedure should be followed for setting a starting sub-address for I2C reads (refer to Figure 8-14).
1. The master initiates a write operation by generating a start condition (S), followed by the TDP0604 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TDP0604 acknowledges the address cycle.
3. The master presents the register offset within TDP0604 to be written, consisting of one byte of data,
MSB-first.
4. The TDP0604 acknowledges the register offset cycle.
5. The master terminates the write operation by generating a stop condition (P).
Note
After initial power-up, if no register offset is included for the read procedure (refer to Figure 8-12), then
reads start at register offset 00h and continue byte by byte through the registers until the I2C master
terminates the read operation. During a read operation, the TDP0604 auto-increments the I2C internal
register address of the last byte transferred independent of whether or not an ACK was received from
the I2C master.
8.6 Register Maps
8.6.1 TDP0604 Registers
TDP0604 Registers lists the memory-mapped registers for the TDP0604 registers. All register offset addresses
not listed in TDP0604 Registers should be considered as reserved locations and the register contents should not
be modified.
Table 8-19. TDP0604 Registers
Offset
Acronym
Register Name
Section
8h
REV_ID
Revision ID
Section 8.6.1.1
9h
PD_RST
Power Down and Reset control
Section 8.6.1.2
Ah
MISC_CONTROL
Misc Control
Section 8.6.1.3
Bh
GBL_SLEW_CTRL
Global TX Slew control for data lanes in
HDMI1.4 and 2.0
Section 8.6.1.4
Ch
GBL_SLEW_CTRL2
Global TX Slew control for data and clock
Section 8.6.1.5
Dh
GBL_CTRL1
Global control
Section 8.6.1.6
Eh
GBL_CTLE_CTRL
Global CTLE control
Section 8.6.1.7
10h
DDC_CFG
DDC Buffer controls
Section 8.6.1.8
11h
LANE_ENABLE
Lane enables
Section 8.6.1.9
12h
CLK_CONFIG1
CLK lane TX swing control
Section 8.6.1.10
14h
D0_CONFIG1
D0 lane TX swing and FFE control
Section 8.6.1.11
15h
D0_CONFIG2
D0 lane RX EQ control
Section 8.6.1.12
16h
D1_CONFIG1
D1 lane TX swing and FFE control
Section 8.6.1.13
17h
D1_CONFIG2
D1 lane RX EQ control
Section 8.6.1.14
www.ti.com
TDP0604
SLLSFJ8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com