Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 4Page - Texas Instruments TDP0604 Datasheet HTML 5Page - Texas Instruments TDP0604 Datasheet HTML 6Page - Texas Instruments TDP0604 Datasheet HTML 7Page - Texas Instruments TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments TDP0604 Datasheet HTML 10Page - Texas Instruments TDP0604 Datasheet HTML 11Page - Texas Instruments TDP0604 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
6.5 Electrical Characteristics (continued)
over recommended voltage and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL_1p8V
Low-level input voltage for SCL/CFG0,
SDA/CFG1
VIO = 1.9V; VCC = 3.0V;
-0.3
0.57
V
VIH_1p8V
High-level input voltage for SCL/CFG0,
SDA/CFG1
VIO = 1.7V; VCC = 3.6V;
1.19
3.6
V
VIL_3p3V
Low-level input voltage for SCL/CFG0,
SDA/CFG1
VIO = 3.6V; VCC = 3.0V;
-0.3
0.8
V
VIL_3p3V
Low-level input voltage for AC_EN
VIO = 3.6V; VCC = 3.0V;
-0.3
0.8
V
VIH_3p3V
High-level input voltage for SCL/CFG0,
SDA/CFG1
VIO = 3.0V; VCC = 3.6V;
2.2
3.6
V
VIH_3p3V
High-level input voltage for AC_EN,
HPDOUT_SEL
VIO = 3.0V; VCC = 3.6V;
2.2
3.6
V
VOL_1p2V Low-level output voltage SDA/CFG1
VCC = 3.0V; VIO = 1.2-V;
-0.3
0.3
V
IOL_1p2V
Low-level output current SDA/CFG1
VCC = 3.0V; VIO = 1.2-V;
2
mA
VOL
Low-level output voltage SDA/CFG1
VCC = 3.0V; VIO = 1.8V or 3.3V;
-0.3
0.4
V
IOL
Low-level output current SDA/CFG1
VCC = 3.0V; VIO = 1.8V or 3.3V;
4
mA
IIL_I2C
Low-level input current SCL/CFG0, SDA/
CFG1
VIN = 0V; VIO = 1.8V or 3.3V;
–1
1
µA
ILEAK
Fail-safe input current for SCL/CFG0,
SDA/CFG1
VIN = 3.6V; VCC = 0V;
–25
25
µA
VIL_EN
Low-level input voltage for EN pin.
VIO = 1.14V; VCC = 3.3V;
-0.3
0.4
V
VIH_EN
High-level input voltage for EN pin.
VIO = 3.6V; VCC = 3.3V;
0.8
3.6
V
IIL
Low-level input current EN
VIN = 0V; VIO = 1.8V or 3.3V; VCC = 3.6V
–20
20
µA
IIL
Low-level input current AC_EN
VIN = 0V; VIO = 1.8V or 3.3V;
–1
1
µA
IIH_EN
High-level input current for EN
VIN = 3.6V; VIO = 1.8V or 3.3V;
–1
1
µA
IIH_ACEN
High-level input current for AC_EN
VIN = 3.6V; VIO = 1.8V or 3.3V;
–24
24
µA
IIH_HPDOU
TSEL
High-level input current for
HPDOUT_SEL
VIN = 3.6V; VIO = 1.8V or 3.3V;
–24
30
µA
RPU_EN
Internal Pull-up resistance on EN.
125
250
350
kΩ
RPD_ACE
N
Internal Pull-down resistance on AC_EN
125
250
350
kΩ
RPD_HPD
OUTSEL
Internal Pull-down resistance on
HPDOUT_SEL
125
250
350
kΩ
CI2C-PINS
Capacitance for SCL/CFG0 and SDA/
CFG1
f = 100 kHz;
5
pF
C(I2C_FM+
_BUS)
I2C bus capacitance for FM+ (1MHz)
150
pF
C(I2C_FM_
BUS)
I2C bus capacitance for FM (400kHz)
150
pF
R(EXT_I2C
_FM+)
External resistors on both SDA and SCL
when operating at FM+ (1MHz)
C(I2C_FM+_BUS) = 150 pF
620
820
910
Ω
R(EXT_I2C
_FM)
External resistors on both SDA and SCL
when operating at FM (400kHz)
C(I2C_FM_BUS) = 150 pF
620
1500
2200
Ω
LV_DDC_SDA and LV_DDC_SCL
VIL_1p2V
Low-level input voltage
VCC = 3.0V;
-0.3
0.378
V
VIH_1p2V High-level input voltage
VCC = 3.6V;
0.8
3.6
V
VIL_1p8V
Low-level input voltage
VCC = 3.0V;
-0.3
0.57
V
VIH_1p8V High-level input voltage
VCC = 3.6V;
1.19
3.6
V
VIL_3p3V
Low-level input voltage
VCC = 3.0V;
-0.3
0.8
V
VIH_3p3V High-level input voltage
VCC = 3.6V;
2.2
3.6
V
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com