Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 38Page - Texas Instruments TDP0604 Datasheet HTML 39Page - Texas Instruments TDP0604 Datasheet HTML 40Page - Texas Instruments TDP0604 Datasheet HTML 41Page - Texas Instruments TDP0604 Datasheet HTML 42Page - Texas Instruments TDP0604 Datasheet HTML 43Page - Texas Instruments TDP0604 Datasheet HTML 44Page - Texas Instruments TDP0604 Datasheet HTML 45Page - Texas Instruments TDP0604 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Table 8-24. GBL_SLEW_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6-4
SLEW_3G
R/W
3h
Field controls slew rate for HDMI 1.4 data lane.
0h = slowest edge rate
7h = fastest edge rate
3
RESERVED
R
0h
Reserved
2-0
SLEW_6G
R/W
4h
Field controls slew rate for HDMI 2.0 data lanes.
0h = slowest edge rate
7h = fastest edge rate
8.6.1.5 GBL_SLEW_CTRL2 Register (Offset = Ch) [Reset = 71h]
GBL_SLEW_CTRL2 is shown in GBL_SLEW_CTRL2 Register Field Descriptions.
Return to the TDP0604 Registers.
Table 8-25. GBL_SLEW_CTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6-4
RESERVED
R/W
7h
Reserved
3
RESERVED
R
0h
Reserved
2-0
SLEW_CLK
R/W
1h
Field control slew rate of clock lane.
0h = slowest edge rate
7h = fastest edge rate
8.6.1.6 GBL_CTRL1 Register (Offset = Dh) [Reset = 22h]
GBL_CTRL1 is shown in GBL_CTRL1 Register Field Descriptions.
Return to the TDP0604 Registers.
Table 8-26. GBL_CTRL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
GLOBAL_LINR_EN
R/W
0h
Global control for selecting between linear redriver or limited redriver.
0h = Limited
1h = Linear
6
TX_AC_EN
R/W
0h
Controls selection of AC-coupled or DC-coupled TX termination.
When AC-coupled is enabled, 50 Ω termination on both P and N
to VCC will be enabled.
0h = DC-coupled
1h = AC-coupled
5-4
GLOBAL_DCG
R/W
2h
CTLE DCGain for all lane.
0h = -3 dB
1h = -3 dB
2h = 0 dB
3h = +1 dB
3
TXTERM_AUTO_HDMI14 R/W
0h
Selects between no termination and 300 Ωs when TERM = 2h and
operating in HDMI1.4.
0h = No termination for clock less than or equal to 165 MHz and 300
Ω for clock greater than 225 MHz
1h = 300 Ω
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com