Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 23Page - Texas Instruments TDP0604 Datasheet HTML 24Page - Texas Instruments TDP0604 Datasheet HTML 25Page - Texas Instruments TDP0604 Datasheet HTML 26Page - Texas Instruments TDP0604 Datasheet HTML 27Page - Texas Instruments TDP0604 Datasheet HTML 28Page - Texas Instruments TDP0604 Datasheet HTML 29Page - Texas Instruments TDP0604 Datasheet HTML 30Page - Texas Instruments TDP0604 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
(2)
When CTLEBYP_EN = 1 and dcGAIN = 0-dB, EQ settings 0 will be 0-dB due to the CTLE is bypassed.
Table 8-6. CTLE HDMI Datarate Map B and C
HDMI Mode
Map B
Map C
1.4
3 Gbps CTLE
6 Gbps CTLE
2.0
6 Gbps CTLE
6 Gbps CTLE
Table 8-7. Pin-Strap Mode CTLE HDMI Datarate Mapping
Sampled State of CTLEMAP_SEL Pin
"0"
"R"
"F"
"1"
CTLE HDMI Datarate Map
Reserved
Map C
Reserved
Map B
Note
The clock lane EQ when operating in HDMI 1.4 or 2.0 will use the 3-Gbps CTLE and will be set to the
zero EQ setting.
8.3.9 CTLE Bypass
The TDP0604 will operate as a buffer when CTLE bypass is enabled. In pin-strap mode, this feature is disabled.
In I2C mode, this feature is enabled when CTLEBYP_EN = 1h and GLOBAL_DCG = 2h. Any lane that has EQ
setting of 0h that lane will operate in CTLE bypass.
8.3.10 Input Signal Detect
When standby is enabled, the TDP0604 looks for a signal on IN_CLK (SWAP disabled) or IN_D2 (SWAP
enabled) and is fully functional when a signal is detected. If no signal is detected, the device reenters standby
mode waiting for a signal again. In the standby state all of the TMDS outputs are in high-Z status. In both
pin-strap mode and I2C mode standby is enabled by default. In I2C mode standby can be disabled by setting the
STANDBY_DISABLE register.
8.3.11 Main Link Outputs
8.3.11.1 Transmitter Bias
The TDP0604 transmitter supports both external (DC-coupled) and internal bias (AC-coupled) to a receiver.
Selection between DC and AC-coupled is done through use of the AC_EN pin in pin-strap mode and TX_AC_EN
register in I2C mode. The AC_EN pin informs the TDP0604 whether or not an external ac-coupling capacitor is
present. When AC_EN is greater than VIH, then TDP0604 transmitters are internally biased to approximately
VCC. For AC-coupled application, the AC_EN pin should be connected to greater than VIH and an external
ac-coupling capacitor should be placed on each of the OUT_D[2:0] pins and the OUT_CLK pin. If the AC_EN pin
is connected to less than VIL, then will inform TDP0604 it is DC-coupled (externally biased) to the far-end HDMI
compliant receiver.
Note
If using AC-coupled TX mode (AC_EN = high) in an HDMI source application, an external 499 Ω
pull-down to GND must be placed on each OUT pin (OUT_D2:0p/n and OUT_CLKp/n) between the
ac-coupling capacitor and the HDMI receptacle. The purpose of the 499 Ω resistor is to set the
common mode voltage to HDMI compliant levels. Refer to Figure 8-3.
www.ti.com
TDP0604
SLLSFJ8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com