Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 4 Page - Texas Instruments

  TDP0604 Datasheet HTML 1Page - Texas Instruments TDP0604 Datasheet HTML 2Page - Texas Instruments TDP0604 Datasheet HTML 3Page - Texas Instruments TDP0604 Datasheet HTML 4Page - Texas Instruments TDP0604 Datasheet HTML 5Page - Texas Instruments TDP0604 Datasheet HTML 6Page - Texas Instruments TDP0604 Datasheet HTML 7Page - Texas Instruments TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN_D2n
10
I
Channel 2 differential negative input.
HPD_OUT
11
O
Hot plug detect output to source side. If not used, then this pin can be left floating. If
used, then it is recommended to have a external 220k resistor to GND on this pin.
IN_D1p
12
I
Channel 1 differential positive input.
IN_D1n
13
I
Channel 1 differential negative input.
VIO
14
P
Voltage supply for I/Os. Refer to Table 8-2.
IN_D0p
15
I
Channel 0 differential positive input.
IN_D0n
16
I
Channel 0 differential negative input.
MODE
17
I
4-Level
(PU/PD)
Mode control pin. Selects between pin-strap and I2C mode. Refer to Section 8.4.1.
IN_CLKp
18
I
Clock differential positive input.
IN_CLKn
19
I
Clock differential negative input.
VCC
20
P
3.3-V power supply.
SCL/CFG0
21
I
I2C Clock/CFG0: When TDP0604 is configured for I2C mode, this pin will function as the
I2C clock. Otherwise, this pin will function as CFG0 as detailed in Table 8-13.
SDA/CFG1
22
I/O
I2C Data / CFG1: When TDP0604 is configured for I2C mode, this pin will function as the
I2C clock. Otherwise, this pin will function as CFG1 as detailed in Table 8-14.
AC_EN
23
I
2-Level (PD)
In pin-strap mode, selects whether high speed transmitters are externally AC or DC-
coupled.
0: DC-coupled
1: AC-coupled
LV_DDC_SCL
24
I/O
Low voltage side bidirectional DDC clock line. Internally pulled-up to VIO.
LV_DDC_SDA
25
I/O
Low voltage side bidirectional DDC data line. Internally pulled-up to VIO.
HV_DDC_SDA
26
I/O
High voltage side bidirectional DDC data line. Pull-up externally to HDMI 5 V.
HV_DDC_SCL
27
I/O
High voltage side bidirectional DDC clock line. Pull-up externally to HDMI 5 V.
VCC
28
P
3.3-V power supply.
TXPRE
29
I
4-Level
(PU/PD)
TX pre-emphasis control: In pin-strap mode with limited enabled, this pin controls TX EQ.
Refer to Table 8-11 for available TXPRE settings when operating in pin strap mode. In I2C
mode, TX pre-emphasis is controlled through the registers.
OUT_CLKn
30
O
TMDS data clock differential negative output
OUT_CLKp
31
O
TMDS data clock differential positive output
HPD_IN
32
I
2-Level (PD)
Hot plug detect input from sink side. This pin has an internal pull-down resistor and is
fail-safe.
OUT_D0n
33
O
TMDS data 0 differential negative output
OUT_D0p
34
O
TMDS data 0 differential positive output
ADDR/EQ0
35
I
4-Level
(PU/PD)
Address bit for I2C programming when TDP0604 is configured for I2C mode. Refer to
Table 8-18.
EQ0 pin setting when TDP0604 is configured for pin strap mode; works in conjunction
with EQ1; see Table 8-5 for settings. In I2C mode, EQ settings are controlled through the
registers.
OUT_D1n
36
O
TMDS data 1 differential negative output
OUT_D1p
37
O
TMDS data 1 differential positive output
TXSWG
38
I
4-Level
(PU/PD)
TX output swing control: 4 settings. This pin is only used in pin strap mode. Refer to Table
8-12 for available TX swing settings. In I2C mode, TX output swing is controlled through
the registers.
OUT_D2n
39
O
TMDS data 2 differential negative output
OUT_D2p
40
O
TMDS data 2 differential positive output
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com