Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 24Page - Texas Instruments TDP0604 Datasheet HTML 25Page - Texas Instruments TDP0604 Datasheet HTML 26Page - Texas Instruments TDP0604 Datasheet HTML 27Page - Texas Instruments TDP0604 Datasheet HTML 28Page - Texas Instruments TDP0604 Datasheet HTML 29Page - Texas Instruments TDP0604 Datasheet HTML 30Page - Texas Instruments TDP0604 Datasheet HTML 31Page - Texas Instruments TDP0604 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
OUT_D2p
OUT_D2n
OUT_D1p
OUT_D1n
OUT_D0p
OUT_D0n
OUT_CLKp
OUT_CLKn
Figure 8-2. DC-Coupled TX in HDMI Source Application (AC_EN = Low). External ESD Not Shown.
CACTX
499
System 3.3V
OUT_D2p
OUT_D2n
OUT_D1p
OUT_D1n
OUT_D0p
OUT_D0n
OUT_CLKp
OUT_CLKn
Figure 8-3. AC-Coupled TX in HDMI Source Application (AC_EN = High). External ESD Not Shown.
8.3.11.2 Transmitter Impedance Control
HDMI 2.0 standards requires a source termination impedance approximately 100 Ω for data rates > 3.4 Gbps.
HDMI 1.4b requires no source termination but has a provision for termination for higher data rates greater than
1.65 Gbps. Enabling this termination is optional. The TDP0604 terminations are controlled automatically as
depicted in Table 8-9 when in pin strap mode. Depending on the MODE pin, the CFG0 pin can be used to select
the HDMI 1.4 termination between open and 300-Ω.
The TDP0604 supports automatic selection between open and 300-Ω termination when operating in HDMI1.4.
In pin-strap mode with CTL0 low, the TDP0604 will enable open termination when HDMI clock frequency is less
than fHDMI14_open and will enable 300-Ω termination when HDMI clock frequency is greater than fHDMI14_300. In
I2C mode, this feature is controlled by the TXTERM_AUTO_HDMI14 register.
In I2C mode termination is controlled through registers as described by Table 8-8.
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com