Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 5Page - Texas Instruments TDP0604 Datasheet HTML 6Page - Texas Instruments TDP0604 Datasheet HTML 7Page - Texas Instruments TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments TDP0604 Datasheet HTML 10Page - Texas Instruments TDP0604 Datasheet HTML 11Page - Texas Instruments TDP0604 Datasheet HTML 12Page - Texas Instruments TDP0604 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
6.5 Electrical Characteristics (continued)
over recommended voltage and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DDC Buffer (LV_DDC_SCL, LV_DDC_SDA, HV_DDC_SCL, HV_DDC_SDA)
VHV_IH
High-level input voltage for
HV_DDC_SCL and HV_DDC_SDA
VIO = 3.3V; VCC = 3.0V
3.3
5.3
V
VHV_IL
Low-level input voltage for HV_DDC_SCL
and HV_DDC_SDA
VIO = 3.3V; VCC = 3.0V
-0.3
1.6
V
VLV_IH
High-level input voltage for LV_DDC_SCL
and LV_DDC_SDA for 1.2-V LVCMOS
VIO = 1.14V; VCC = 3.3V
0.8
3.6
V
VLV_IH
High-level input voltage for LV_DDC_SCL
and LV_DDC_SDA for 1.8-V LVCMOS
VIO = 1.7V; VCC = 3.3V
1.15
3.6
V
VLV_IH
High-level input voltage for LV_DDC_SCL
and LV_DDC_SDA for 3.3-V LVCMOS
VIO = 3.0V; VCC = 3.3V
2.1
3.6
V
VLV_IL
Low-level input voltage for LV_DDC_SCL
and LV_DDC_SDA for 1.2-V LVCMOS
VIO = 1.26V; VCC = 3.3V
-0.3
0.082 *
VIO
V
VLV_IL
Low-level input voltage for LV_DDC_SCL
and LV_DDC_SDA for 1.8-V LVCMOS
VIO = 1.9V; VCC = 3.3V
-0.3
0.10 *
VIO
V
VLV_IL
Low-level input voltage for LV_DDC_SCL
and LV_DDC_SDA for 3.3-V LVCMOS
VIO = 3.6V; VCC = 3.3V
-0.3
0.10 *
VIO
V
ILV_IL_FS
Failsafe Input leakage for LV_DDC_SCL
and LV_DDC_SDA
VCC = 0-V; VIO = VIN = 2.0-V
-5.5
5.5
µA
IHV_IL_FS
Failsafe Input leakage for HV_DDC_SCL
and HV_DDC_SDA
VIN = 5.3V through 1.5-kΩ; VCC = 0-V;
VIO = 0-V;
-5
5
µA
IHV_IL
Input leakage for HV_DDC_SCL and
HV_DDC_SDA
HV VIN = 5.3V; LV VIN = VIO;
-5
5
µA
ILV_IL
Input leakage for LV_DDC_SCL and
LV_DDC_SDA
HV VIN = 5.3V; LV VIN = VIO;
-5.5
5.5
µA
IHV_OL
Low-level output current
VHV_OL = 0.4V; HDMI5V= 5.3V; Pullup
with 1.4-kΩ; VCC = 3.0V;
3.5
mA
VHV_OL
Low-level output voltage for
HV_DDC_SCL and HV_DDC_SDA
HDMI5V= 5.3V; Pullup with 1.4-kΩ; VCC
= 3.0V;
0.4
V
VLV_OL
Low-level output voltage for
LV_DDC_SCL and LV_DDC_SDA for 1.2-
V LVCMOS
VCC = 3.0V; VIO = 1.26V
0.2
0.3
V
VLV_OL
Low-level output voltage for
LV_DDC_SCL and LV_DDC_SDA for 1.8-
V LVCMOS
VCC = 3.0V; VIO = 1.9V
0.3
0.4
V
VLV_OL
Low-level output voltage for
LV_DDC_SCL and LV_DDC_SDA for 3.3-
V LVCMOS
VCC = 3.0V; VIO = 3.6V
0.6
0.75
V
Δ
VLV_HYST
_1p2V
Hysteresis on LV side for 1.2V LVCMOS
VIO = 1.2V; VCC = 3.3V;
20
mV
Δ
VLV_HYST
_1p8V
Hysteresis on LV side for 1.8V LVCMOS
VIO = 1.8V; VCC = 3.3V;
20
mV
Δ
VLV_HYST
_3p3V
Hysteresis on LV side for 3.3V LVCMOS
VIO = 3.3V; VCC = 3.3V
50
mV
Δ
VHV_HYST
Hysteresis on HV side
VIO = 3.3V; VCC = 3.3V; HDMI5V = 4.8V
or 5.3V;
500
mV
RPULV
Internal pull-up resistor to VIO
7450
10000
13000
Ω
RPUHV
External pull-up resistor to HDMI 5V
1500
1800
2000
Ω
CIOHV
Capacitance for HV_DDC_SCL and
HV_DDC_SDA
12
pF
www.ti.com
TDP0604
SLLSFJ8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com