Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 3 Page - Texas Instruments

  TDP0604 Datasheet HTML 1Page - Texas Instruments TDP0604 Datasheet HTML 2Page - Texas Instruments TDP0604 Datasheet HTML 3Page - Texas Instruments TDP0604 Datasheet HTML 4Page - Texas Instruments TDP0604 Datasheet HTML 5Page - Texas Instruments TDP0604 Datasheet HTML 6Page - Texas Instruments TDP0604 Datasheet HTML 7Page - Texas Instruments TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
5 Pin Configuration and Functions
Thermal
Pad
1
VCC
2
TEST1
3
EN
4
5
CTLEMAP_SEL
6
EQ1
7
LINEAR_EN
8
VCC
21
AC_EN
22
SCL/CFG0
23
SDA/CFG1
24
LV_DDC_SCL
25
LV_DDC_SDA
26
HV_DDC_SDA
27
HV_DDC_SCL
28
VCC
Not to scale
HPDOUT_SEL
Figure 5-1. RNQ Package, 40-Pin WQFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VCC
1
P
3.3-V power supply
HPDOUT_SEL
2
I
2-Level (PD)
HPDOUT_SEL. Selects whether HPD_OUT pin is push/pull, or open-drain. Open-drain is
not supported in pin-strap mode. Therefore this pin should be left floating or pull-down to
GND.
TEST1
3
O
Test1. For internal Texas Instruments use only. This pin can be left unconnected.
CTLEMAP_SEL
4
I
4-Level
(PU/PD)
CTLE Map select. When TDP0604 is configured in pin-strap mode, this pin selects the
CTLE Map used. Refer to Table 8-7 for details. In I2C mode, CTLE map is determined by
registers.
LINEAR_EN
5
I
4-Level
(PU/PD)
In pin-strap mode, selects whether TDP0604 operates in linear or limited redriver mode.
Refer to Table 8-4.
VCC
6
P
3.3-V power supply.
EN
7
I
2-Level (PU)
When low, TDP0604 will be held in reset. The IN_D[2:0], IN_CLK, OUT_D[2:0] and
OUT_CLK pins will be held in high impedance while EN is low. On rising edge of EN,
device will sample 4-level inputs and function based on the sampled state of the pins.
This pin has a internal 250k pull-up to VIO.
EQ1
8
I
4 Level
(PU/PD)
EQ1 pin setting when TDP0604 is configured for pin strap mode; Works in conjunction
with EQ0; See Table 8-5 for settings. In I2C mode, EQ settings are controlled through the
registers.
IN_D2p
9
I
Channel 2 differential positive input.
www.ti.com
TDP0604
SLLSFJ8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com