Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 9Page - Texas Instruments TDP0604 Datasheet HTML 10Page - Texas Instruments TDP0604 Datasheet HTML 11Page - Texas Instruments TDP0604 Datasheet HTML 12Page - Texas Instruments TDP0604 Datasheet HTML 13Page - Texas Instruments TDP0604 Datasheet HTML 14Page - Texas Instruments TDP0604 Datasheet HTML 15Page - Texas Instruments TDP0604 Datasheet HTML 16Page - Texas Instruments TDP0604 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
6.6 Timing Requirements (continued)
MIN
NOM
MAX
UNIT
tSU_DAT
Data setup time
50
ns
tR
Rise time of both SDA and SCL signals
120
ns
tF
Fall time of both SDA and SCL signals
4
120
ns
tSU_STO
Setup time for STOP condition
0.26
μs
DDC Snoop I2C Timings. Refer to Figure 7-9.
fSCL
I2C DDC clock frequency
100
kHz
tBUF
Bus free time between START and STOP conditions
4.7
µs
tHD_STA
Hold time after repeated START condition. After this period, the first clock
pulse is generated
4
µs
tLOW
Low period of the I2C clock
4.7
µs
tHIGH
High period of the I2C clock
4
µs
tSU_STA
Setup time for a repeated START condition
4.7
µs
tHD_DAT
Data hold time
0
μs
tSUDAT
Data setup time
250
ns
tR
Rise time of both SDA and SCL signals. Measured from 30% to 70%.
1000
ns
tF
Fall time of both SDA and SCL signals Measured from 70% to 30%.
300
ns
tSU_STO
Setup time for STOP condition
4
μs
Cb_LV
Capacitive load for each bus line on LV side
50
pF
Power-On. Refer to Figure 7-1.
tVCC_RAMP VCC supply ramp. Measured from 10% to 90%.
0.10
50
ms
tD_PG
Internal POR de-assertion delay
5
ms
tVIO_SU
VIO supply stable before reset(2) high.
100
µs
tCFG_SU
Configuration pins(1) setup before reset(2) high.
0
µs
tCFG_HD
Configuration pins(1) hold after reset(2)high.
500
µs
(1)
Follow comprise the configuration pins: MODE, ADDR/EQ0, EQ1, TXSWG, TXSLEW, TXPRE, AC_EN, HPDOUT_SEL, DCGAIN
(2)
Reset is the logical AND of internal POR and EN pin.
6.7 Switching Characteristics
over recommended voltage and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Redriver
fHDMI14_o
pen
Maximum HDMI 1.4 clock frequency at
which TX termination is guarenteed to be
open
HDMI1.4; 25MHz ≤ IN_CLK ≤ 340MHz;
TXTERM_AUTO_HDMI14 = 0h; TERM =
2h; TX is DC-coupled;
165
MHz
fHDMI14_3
00
Minimum HDMI 1.4 clock frequency at
which TX termination is guarenteed to be
300-ohms
HDMI1.4; 25MHz ≤ IN_CLK ≤ 340MHz;
TXTERM_AUTO_HDMI14 = 0h; TERM =
2h; TX is DC-coupled;
250
MHz
tPD
Propagation delay time
At TTP4;
90
220
ps
tSK1(T)
Clock lane Intra-pair output skew with
zero intra-pair skew at inputs
At TTP4; No intra-pair skew at input;
6Gbps with 150 MHz clock; TX
termination 100-Ω; Limited mode;
0.10
0.15
UI
tSK1(T)
Data lane Intra-pair output skew with zero
intra-pair skew at inputs
At TTP4; No intra-pair skew at input; At
6Gbps; TX termination 100-Ω; Limited
mode;
0.035
0.09
UI
tSK2(T)
Inter-pair output skew
At TTP4; At 6Gbps;
30
ps
tRF-CLK-14
Transition time (rise and fall time) for
clock lane when operating at HDMI1.4
At TTP4; 20% to 80%; Clock Frequency =
300 MHz;
75
600
ps
www.ti.com
TDP0604
SLLSFJ8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com