Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 7Page - Texas Instruments TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments TDP0604 Datasheet HTML 10Page - Texas Instruments TDP0604 Datasheet HTML 11Page - Texas Instruments TDP0604 Datasheet HTML 12Page - Texas Instruments TDP0604 Datasheet HTML 13Page - Texas Instruments TDP0604 Datasheet HTML 14Page - Texas Instruments TDP0604 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
6.5 Electrical Characteristics (continued)
over recommended voltage and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRX_ASSE
RT
Signal detect assert level.
PRBS7 pattern; 6 Gbps;
150
mVpp
VRX_DEAS
SERT
Signal detect deassert level.
PRBS7 pattern; 6 Gbps;
95
mVpp
VICM-DC
Input DC common mode voltage bias
At pins;
2.5
3.3
VCC
V
EEQ_6Gbs
_MAX_LT
Maximum Fixed EQ gain (AC - DC)
At 3 GHz; 6Gbps CTLE; EQ15; DC Gain
= 0dB; Limited Mode; At output of RX;
12.0
dB
EEQ_6Gbp
s_MIN_LT
Minimum Fixed EQ gain (AC - DC)
At 3 GHz; 6Gbps CTLE; EQ0; DC Gain =
0dB; Limited Mode; At output of RX;
0.6
dB
EEQ_6Gbp
s_BYPASS_
LT
Maximum Fixed EQ Gain when EQ is
bypassed. (AC - DC)
At 3GHz; 6Gbps CTLE; DC Gain = 0dB;
Limited Mode; At output of RX;
-2.0
dB
EEQ_3Gbs
_MAX_LT
Maximum Fixed EQ gain (AC - DC)
At 1.5 GHz; 3Gbps CTLE; EQ15; DC
Gain = 0dB; Limited Mode; At output of
RX;
12
dB
EEQ_3Gbp
s_MIN_LT
Minimum Fixed EQ gain (AC - DC)
At 1.5 GHz; 3Gbps CTLE; EQ0; DC Gain
= 0dB; Limited Mode; At output of RX;
0.8
dB
RINT
Input differential impedance when
termination is enabled
At TTP2; HPD_IN = H;
85
100
115
Ω
HDMI HIGH SPEED OUTPUTS (Limited Mode)
VOL_open
Single-ended low-level output voltage for
DR ≤ 1.65 Gbps data rate
DR = 270 Mbps; HPD_IN = H; AC_EN =
L (DC-coupled); TXSWG = "F" (1000mV);
TXPRE = "F" (0dB); TX termination
open; VCC_EXT = 3.3V; 25
℃ ≤ Ta ≤
85
℃;
2.7
2.9
V
VOL_300
Single-ended low-level output voltage
1.65 Gbps < DR ≤ 3.4 Gbps.
DR = 3.4 Gbps; HPD_IN = H; AC_EN =
L (DC-coupled); TXSWG = "F" (1000mV);
TXPRE = "F" (0dB); TX termination 300-
ohms; VCC_EXT = 3.3V; 25
℃ ≤ Ta ≤
85
℃;
2.6
2.9
V
VOL_DAT2
0
Data lane single-ended low-level output
voltage 3.4 Gbps < DR ≤ 6 Gbps.
DR = 5.94 Gbps; HPD_IN = H; AC_EN =
L (DC-coupled); TXSWG = "F" (1000mV);
TXPRE = "F" (0dB); VCC_EXT =
3.3V; 25
℃ ≤ Ta ≤ 85℃;
2.3
2.9
V
VSWING_D
A_14
Single-ended output voltage swing on
data lanes with TX term set to open.
DR = 1.5 Gbps; HPD_IN = H; AC_EN =
L (DC-coupled); TXSWG = "F" (1000mV);
TXPRE = "F" (0dB); VCC_EXT =
3.3V; 25
℃ ≤ Ta ≤ 85℃;
400
500
600
mV
VSWING_D
A_14
Single-ended output voltage swing on
data lanes with TX term set to 300-ohms.
DR = 3.4 Gbps;HPD_IN = H; AC_EN = L
(DC-coupled); TXSWG = "F" (1000mV);
TXPRE = "F" (0dB); VCC_EXT =
3.3V; 25
℃ ≤ Ta ≤ 85℃;
400
500
600
mV
VSWING_D
A_20
Single-ended output voltage swing on
data lanes for HDMI2.0 operation.
DR = 5.94 Gbps;HPD_IN = H; AC_EN =
L (DC-coupled); TXSWG = "F" (1000mV);
TXPRE = "F" (0dB); VCC_EXT =
3.3V; 25
℃ ≤ Ta ≤ 85℃;
400
500
600
mV
VSWING_C
LK_14_OPE
N
Single-ended output voltage swing on
clock lane for DR ≤ 3.4 Gbps datarate
HPD_IN = H; AC_EN = L (DC-coupled);
TXSWG = "F" (1000mV); TXPRE = "F"
(0dB); VCC_EXT = 3.3V; 25
℃ ≤ Ta ≤
85
℃; TERM set to open;
400
500
600
mV
VSWING_C
LK_20
Single-ended output voltage swing on
clock lane for HDMI 2.0
HPD_IN = H; AC_EN = L (DC-coupled);
TXSWG = "F" (1000mV); TXPRE = "F"
(0dB); VCC_EXT = 3.3V; 25
℃ ≤ Ta ≤
85
℃;
300
400
600
mV
www.ti.com
TDP0604
SLLSFJ8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com