Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments TDP0604 Datasheet HTML 10Page - Texas Instruments TDP0604 Datasheet HTML 11Page - Texas Instruments TDP0604 Datasheet HTML 12Page - Texas Instruments TDP0604 Datasheet HTML 13Page - Texas Instruments TDP0604 Datasheet HTML 14Page - Texas Instruments TDP0604 Datasheet HTML 15Page - Texas Instruments TDP0604 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
6.5 Electrical Characteristics (continued)
over recommended voltage and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD_3G
Data lanes Differential output swing
At TTP4; 2.97Gbps; HPD_IN = H; AC_EN
= L or H; TXSWG = "F" (1000mV);
TXPRE = "F" (0dB); 25
℃ ≤ Ta ≤ 85℃;
400
1560
mV
VOD_6G
Data lanes Differential output swing
At TTP4_EQ; 5.94Gbps; HPD_IN = H;
AC_EN = L or H; TXSWG = "F"
(1000mV); TXPRE = "F" (0dB); 25
℃ ≤
Ta ≤ 85
℃;
150
1560
mV
ILEAK
Failsafe condition leakage current
VCC = 0 V; DC-coupled; TMDS output
pulled to 3.465 V with 50 ohm resistors
35
µA
IOS
Short circuit current limit
OUT_CLK, OUT_D[2:0] outputs P or N
shorted to GND
62
mA
RTERM14
Internal termination for DR ≤ 3.4 Gbps
when DC-coupled
TERM = 1h; AC_EN = L (DC-
coupled);HPD_IN=H; Active State; 25
℃ ≤
TA ≤ 85℃;
235
295
375
Ω
RTERM14
Internal termination for DR ≤ 3.4 Gbps
when AC-coupled
TERM = 1h; AC_EN = H (AC-
coupled); HPD_IN=H; Active State; 25
℃
≤ TA ≤ 85℃;
235
295
375
Ω
RTERM2+
Internal termination for DR > 3.4 Gbps
when DC-coupled.
TERM = 3h; AC_EN = L (DC-
coupled);HPD_IN=H; Active State; 25
℃ ≤
TA ≤ 85℃;
90
100
115
Ω
RTERM2+
Internal termination for DR > 3.4 Gbps
when AC-coupled.
TERM = 3h; AC_EN = H (AC-
coupled); HPD_IN=H; Active State; 25
℃
≤ TA ≤ 85℃;
90
100
115
Ω
VTXPRE0-
RATIO
Transmitter FFE pre-emphasis ratio for
0dB.
TERM = 3h; HPD_IN = H; TX_AC_EN
= 0; CLK_VOD = 3h; D0_TXFFE = 0h;
D0_VOD = 3h; D1_TXFFE = 0h; D1_VOD
= 3h; D2_TXFFE = 0h; D2_VOD = 3h; 20
* log (Vp/Vn); 128 zeros followed by 128
ones;
0
dB
VTXPRE1-
RATIO
Transmitter FFE pre-emphasis ratio for
3.5dB for data lanes
At 5.94Gbps HDMI 2.0; TERM = 3h;
HPD_IN = H; TX_AC_EN = 0; CLK_VOD
= 3h; D0_TXFFE = 1h; D0_VOD =
3h; D1_TXFFE = 1h; D1_VOD = 3h;
D2_TXFFE = 1h; D2_VOD = 3h; 20 * log
(Vp/Vn); 128 zeros followed by 128 ones;
4.0
dB
VTXPRE2-
RATIO
Transmitter FFE pre-emphasis ratio for
6dB for data lanes
At 5.94Gbps HDMI 2.0; TERM = 3h;
HPD_IN = H; TX_AC_EN = 0; CLK_VOD
= 3h; D0_TXFFE = 2h; D0_VOD =
3h; D1_TXFFE = 2h; D1_VOD = 3h;
D2_TXFFE = 2h; D2_VOD = 3h; 20 * log
(Vp/Vn); 128 zeros followed by 128 ones;
6.5
dB
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
Local I2C (SCL/CFG0, SDA/CFG1). Refer to Figure 7-9.
fSCL
I2C clock frequency
1
MHz
tBUF
Bus free time between START and STOP conditions
0.5
µs
tHD_STA
Hold time after repeated START condition. After this period, the first clock
pulse is generated
0.26
µs
tLOW
Low period of the I2C clock
0.5
µs
tHIGH
High period of the I2C clock
0.26
µs
tSU_STA
Setup time for a repeated START condition
0.26
µs
tHD_DAT
Data hold time
0
μs
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com