Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 1 Page - Texas Instruments

  TDP0604 Datasheet HTML 1Page - Texas Instruments TDP0604 Datasheet HTML 2Page - Texas Instruments TDP0604 Datasheet HTML 3Page - Texas Instruments TDP0604 Datasheet HTML 4Page - Texas Instruments TDP0604 Datasheet HTML 5Page - Texas Instruments TDP0604 Datasheet HTML 6Page - Texas Instruments TDP0604 Datasheet HTML 7Page - Texas Instruments TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
TDP0604 6-Gbps, DC or AC-Coupled to HDMI™ 2.0 Level Shifter Hybrid Redriver
1 Features
• AC-coupled or DC-coupled input and output
supporting HDMI 2.0 data rates up to 6 Gbps
– Backwards compatible to HDMI 1.4b
• Supports dual-mode DisplayPort (DP++)
• Programmable receiver equalizer up to 12 dB
at 3 GHz
• I2C or pin strap programmable
• Integrated HPD level shifter supporting both
1.8-V and 3.3-V LVCMOS levels
• Integrated DDC buffer supporting as low as
1.2-V levels
• Full lane swap on main lanes
• Digital display control (DDC) snooping function for
link configuration
• Low power consumption:
– 6 Gbps active limited: 215 mW
– Power down (HPD_IN = L): 0.55 mW
• Available in commercial and industrial temperature
• Single 3.3-V power supply
• 40-pin, 0.4 mm pitch, 4 mm × 6 mm,
WQFN package
2 Applications
• Notebooks and desktops
• TV
• Home theater and entertainment
• Gaming systems
• Docking stations
• Pro audio, video, and signage
IN_D2p
IN_D2n
IN_D1p
IN_D1n
IN_D0p
IN_D0n
IN_CLKp
IN_CLKn
GPU
(DP++, HDMI)
3.3V
1.14V to
3.6V
HV_DDC_SDA
HV_DDC_SCL
HPD_IN
HDMI_5V
OUT_D2p
OUT_D2n
OUT_D1p
OUT_D1n
OUT_D0p
OUT_D0n
OUT_CLKp
OUT_CLKn
Optional
LV_DDC_SDA
LV_DDC_SCL
HPD_OUT
Simplified Schematic
3 Description
The TDP0604 is a HDMI 2.0 redriver supporting data
rates up to 6 Gbps. It is backwards compatible to
HDMI 1.4b. The high-speed differential inputs and
outputs can be either AC-coupled or DC-coupled
which qualifies the TDP0604 to be used as a DP++
to HDMI level shifter or HDMI redriver.
The TDP0604 is a hybrid redriver supporting both
source and sink applications. A hybrid redriver can
operate either in a linear or limited redriver function.
When configured as a limited redriver, the TDP0604
differential output voltage levels are independent
of the graphics process unit (GPU) output levels
ensuring HDMI compliant levels at the receptacle.
The limited redriver mode is recommended for HDMI
source applications. When configured as a linear
redriver, the TDP0604 differential output levels are
a linear function of the GPU output levels enabling
TDP0604 to be transparent to link training and
operate as a channel shortener. Linear redriver mode
is recommended for HDMI sink applications.
The TDP0604 has an integrated HPD level shifter.
The HPD level shifter will shift the 5-V HPD signal
to either 1.8-V or 3.3-V. The level shifter output can
also be configured for push, pull, or open-drain. Also
integrated in the TDP0604 is a Digital Display Control
(DDC) buffer. The DDC buffer offers capacitance
isolation and level shifters 5-V DDC levels to as
low as 1.2-V levels. The integration of the level
shifter eliminates discrete solutions and thereby saves
system cost.
The TDP0604 supports single power supply rails
of 3.3-V on VCC and is offered in a commercial
temperature (TDP0604) and industrial temperature
(TDP0604I).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TDP0604
WQFN (40)
4.00 mm × 6.00 mm
TDP0604I
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
TDP0604
SLLSFJ8 – DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TDP0604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604I TI-TDP0604I Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
More results

Similar Description - TDP0604

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
logo
Pericom Semiconductor C...
PI3VDP411LSZBE PERICOM-PI3VDP411LSZBE Datasheet
594Kb / 13P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
Texas Instruments
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
6-Gbps, AC-Coupled to TMDS or HDMI Redriver
logo
STMicroelectronics
STHDLS101A STMICROELECTRONICS-STHDLS101A Datasheet
365Kb / 24P
Enhanced AC coupled HDMI level shifter with configurable HPD output
22-Jun-2009
STHDLS101T STMICROELECTRONICS-STHDLS101T Datasheet
397Kb / 26P
AC coupled HDMI level shifter with configurable HPD output
01-Dec-2008
logo
Texas Instruments
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP1204 TI-TDP1204 Datasheet
2Mb / 79P
TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver
JULY 2022
TMDS1204 TI-TMDS1204 Datasheet
2Mb / 75P
TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com