Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 3Page - Texas Instruments TDP0604 Datasheet HTML 4Page - Texas Instruments TDP0604 Datasheet HTML 5Page - Texas Instruments TDP0604 Datasheet HTML 6Page - Texas Instruments TDP0604 Datasheet HTML 7Page - Texas Instruments TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments TDP0604 Datasheet HTML 10Page - Texas Instruments TDP0604 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
6.3 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
TDP0604I Ambient temperature
–40
85
°C
6.4 Thermal Information
THERMAL METRIC(1)
TDP0604
UNIT
RNQ (WQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
30.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
21.2
°C/W
RθJB
Junction-to-board thermal resistance
11.7
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
11.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
over recommended voltage and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
PACTIVE-
H14-LT-
ARX-DTX
Power dissipation in HDMI 1.4 3.4 Gbps
active operation
Pin Strap mode; DR = 3.4Gbps; HPD_IN
= H; No de-emphasis/pre-emphasis;
Limited redriver mode; DC-coupled TX;
AC-coupled RX; 3GbpsCTLE;
190
mW
PACTIVE-
H20-LT-
ARX-DTX
Power dissipation in HDMI 2.0 6 Gbps
active operation
Pin Strap mode; DR = 6Gbps; HPD_IN
= H; No de-emphasis/pre-emphasis;
Limited redriver mode; DC-coupled TX;
AC-coupled RX; 6GbpsCTLE;
215
mW
PPD
Power in power-down (HPD_IN = L)
Pin Strap mode; HPD_IN = L; EN = L or
H; High-speed outputs are disconnected;
0.55
mW
PSD
Power in standby (HPD_IN = H) but no
incoming signal with DDC Buffer disabled
Pin Strap mode; HPD_IN = H; No
incoming signal; EN = H; DC-coupled TX;
AC-coupled RX; Limited redriver mode;
High-speed outputs are connected;
1.0
mW
PSD
Power in standby (HPD_IN = H) but no
incoming signal with DDC buffer enabled.
Pin Strap mode; HPD_IN = H; No
incoming signal; EN = H; DC-coupled TX;
AC-coupled RX; Limited redriver mode;
High-speed outputs are connected;
1.2
mW
IVIOQ
VIO quiescent current
HPD_IN = H;VCC = VIO = 3.6V;
LV_DDC_SDA/SCL = H;
16
µA
IVIOA
VIO active instantaneous current
VCC = VIO = 3.6V; HPD_IN = H;
1
mA
2-LEVEL CONTROL PINS (EN, SCL/CFG0, SDA/CFG1, AC_EN)
VIO_TRSH
D
Threshold for selecting between 1.2-V
LVCMOS / 1.8-V LVCMOS
1.5
V
VIO_TRSH
D
Threshold for selecting between 1.8-V
LVCMOS / 3.3-V LVCMOS
2.5
V
VIL_1p2V
Low-level input voltage for SCL/CFG0,
SDA/CFG1
VIO = 1.26V; VCC = 3.0V;
-0.3
0.378
V
VIH_1p2V
High-level input voltage for SCL/CFG0,
SDA/CFG1
VIO = 1.14V; VCC = 3.6V;
0.8
3.6
V
www.ti.com
TDP0604
SLLSFJ8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com