Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 45Page - Texas Instruments TDP0604 Datasheet HTML 46Page - Texas Instruments TDP0604 Datasheet HTML 47Page - Texas Instruments TDP0604 Datasheet HTML 48Page - Texas Instruments TDP0604 Datasheet HTML 49Page - Texas Instruments TDP0604 Datasheet HTML 50Page - Texas Instruments TDP0604 Datasheet HTML 51Page - Texas Instruments TDP0604 Datasheet HTML 52Page - Texas Instruments TDP0604 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
TDP0604 is designed to accept AC or DC-coupled HDMI input signals. The device provides signal conditioning
and level shifting functions to drive a compliant HDMI source connector. The device can be used in a HDMI
sink application such as monitor or TV. In many major PC or gaming systems APU/GPU will provide AC-coupled
HDMI signals. TDP0604 is suitable for such platforms.
9.1 Application Information
The TDP0604 is defined to work in source applications such as Blu-ray™ DVD player, gaming system, desktop,
notebook, or AVR and it is also designed to work in sink applications such as TV or monitor. The following
sections provide design considerations for various types of applications.
9.2 Typical Source-Side Application
Figure 9-1 provides a schematic representation of what is considered a standard source implementation.
Redriver
GPU
A
B
D
C
IN_D2p
IN_D2n
IN_D1p
IN_D1n
IN_D0p
IN_D0n
IN_CLKp
IN_CLKn
OUT_D0p
OUT_D0n
OUT_D1p
OUT_D1n
OUT_CLKn
OUT_CLKp
OUT_D2p
OUT_D2n
LAB
LCD
RESD
CAC-RX
LESD
LCAP-RX
LR_ESD
Op onal
Op onal
Figure 9-1. TDP0604 in Source Side Application
www.ti.com
TDP0604
SLLSFJ8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com