Electronic Components Datasheet Search
  English  ▼

X  

TDP0604 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TDP0604
Description  TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP0604 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDP0604 Datasheet HTML 2Page - Texas Instruments TDP0604 Datasheet HTML 3Page - Texas Instruments TDP0604 Datasheet HTML 4Page - Texas Instruments TDP0604 Datasheet HTML 5Page - Texas Instruments TDP0604 Datasheet HTML 6Page - Texas Instruments TDP0604 Datasheet HTML 7Page - Texas Instruments TDP0604 Datasheet HTML 8Page - Texas Instruments TDP0604 Datasheet HTML 9Page - Texas Instruments TDP0604 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply Voltage
VCC and VIO
-0.5
4
V
Input Voltage
Differential Inputs (IN_D[2:0], IN_CLK)
-0.3
4
V
Output voltage
HPD_OUT output
–0.3
4
V
Output voltage
Differential outputs (OUT_D[2:0], OUT_CLK)
–0.3
4
V
Control pins
LV_DDC_SDA, LV_DDC_SCL, SCL/CFG0, SDA/CFG1, MODE,
CLTEMAP_SEL, HPDOUT_SEL, TXSWG, TXPRE, EQ1, ADDR/
EQ0, EN, AC_EN, LINEAR_EN
–0.5
4
V
HPD_IN
–0.5
6
V
TJ
TDP0604 Junction temperature
105
°C
TJ
TDP0604I Junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Rating may cause permanent damage to the device. Absolute maximum ratings do not
imply functional operation of the device at these or any other conditions beyond those listed under the Recommended Operating
Condition. If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device
may not sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability,
functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±4000
V
Charged device model (CDM), per ANSI/ESDA/
JEDEC JS-002, all pins(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage when high-speed RX pins (IN_D[2:0] and IN_CLK) is AC-
coupled to a DP++ TX
3.0
3.3
3.6
V
VCC
Supply voltage when high-speed RX pins (IN_D[2:0] and IN_CLK) is DC-
coupled to a HDMI TX
3.135
3.3
3.465
V
VIO
VIO supply when 1.2-V LVCMOS level used.
1.14
1.2
1.26
V
VIO
VIO supply when 1.8-V LVCMOS level used.
1.7
1.8
1.9
V
VIO
VIO supply when 3.3-V LVCMOS level used.
3
3.3
3.6
V
VPSN
Peak to peak Power supply noise on VCC pins (less than 4 MHz).
100
mV
VCTL3
DC input voltage for SCL/CFG0, SDA/CFG1, MODE, AC_EN, LINEAR_EN,
EN, CTLEMAP_SEL, TXSWG, TXPRE, EQ1, ADDR1/EQ0, LV_DDC_SCL,
LV_DDC_SDA, HPDOUT_SEL
–0.3
3.6
V
VCTL5
DC input voltage for HV_DDC_SCL, HV_DDC_SDA, HPD_IN pins
–0.3
5.5
V
CACRX
Optional external AC-coupling capacitor on IN_Dx and IN_CLK.
85
253
nF
CACTX
External AC-coupling capacitor on OUT_Dx and OUT_CLK when AC_EN =
H.
85
253
nF
TA
TDP0604 Ambient temperature
0
70
°C
TDP0604
SLLSFJ8 – DECEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TDP0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com