Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM625 Datasheet HTML 118Page - Texas Instruments AM625 Datasheet HTML 119Page - Texas Instruments AM625 Datasheet HTML 120Page - Texas Instruments AM625 Datasheet HTML 121Page - Texas Instruments AM625 Datasheet HTML 122Page - Texas Instruments AM625 Datasheet HTML 123Page - Texas Instruments AM625 Datasheet HTML 124Page - Texas Instruments AM625 Datasheet HTML 125Page - Texas Instruments AM625 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 235 page
background image
Table 7-31. RGMII[x]_RD[3:0], and RGMII[x]_RX_CTL Timing Requirements – RGMII Mode
see Figure 7-29
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
RGMII4 tsu(RD-RXC)
Setup time, RGMII[x]_RD[3:0] valid before RGMII[x]_RXC
high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
tsu(RX_CTL-RXC)
Setup time, RGMII[x]_RX_CTL valid before RGMII[x]_RXC
high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
RGMII5 th(RXC-RD)
Hold time, RGMII[x]_RD[3:0] valid after RGMII[x]_RXC
high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
th(RXC-RX_CTL)
Hold time, RGMII[x]_RX_CTL valid after RGMII[x]_RXC
high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
RGMII[x] RD 3
_
[ :0]
(B)
RGMII[x] RX_CTL
_
(B)
RGMII[x] RXC
_
(A)
RGMII4
RXERR
RXDV
2nd Half-byte
1st Half-byte
RGMII2
RGMII3
RGMII1
RGMII5
A.
RGMII[x]_RXC must be externally delayed relative to the data and control pins.
B.
Data and control information is received using both edges of the clocks. RGMII[x]_RD[3:0] carries data bits 3-0 on the rising edge of
RGMII[x]_RXC and data bits 7-4 on the falling edge of RGMII[x]_RXC. Similarly, RGMII[x]_RX_CTL carries RXDV on rising edge of
RGMII[x]_RXC and RXERR on falling edge of RGMII[x]_RXC.
Figure 7-29. CPSW3G RGMII[x]_RXC, RGMII[x]_RD[3:0], RGMII[x]_RX_CTL Timing Requirements - RGMII
Mode
Table 7-32. RGMII[x]_TXC Switching Characteristics – RGMII Mode
see Figure 7-30
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
RGMII6 tc(TXC)
Cycle time, RGMII[x]_TXC
10Mbps
360
440
ns
100Mbps
36
44
ns
1000Mbps
7.2
8.8
ns
RGMII7 tw(TXCH)
Pulse duration, RGMII[x]_TXC high
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
RGMII8 tw(TXCL)
Pulse duration, RGMII[x]_TXC low
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
122
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com