Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 123 Page - Texas Instruments

Back Button AM625 Datasheet HTML 119Page - Texas Instruments AM625 Datasheet HTML 120Page - Texas Instruments AM625 Datasheet HTML 121Page - Texas Instruments AM625 Datasheet HTML 122Page - Texas Instruments AM625 Datasheet HTML 123Page - Texas Instruments AM625 Datasheet HTML 124Page - Texas Instruments AM625 Datasheet HTML 125Page - Texas Instruments AM625 Datasheet HTML 126Page - Texas Instruments AM625 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 235 page
background image
Table 7-33. RGMII[x]_TD[3:0] and RGMII[x]_TX_CTL Switching Characteristics – RGMII Mode
see Figure 7-30
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
RGMII9 tosu(TD-TXC)
Output setup time, RGMII[x]_TD[3:0] valid to RGMII[x]_TXC
high/low
10Mbps
1.2
ns
100Mbps
1.2
ns
1000Mbps
1.2
ns
tosu(TX_CTL-TXC)
Output setup time, RGMII[x]_TX_CTL valid to RGMII[x]_TXC
high/low
10Mbps
1.2
ns
100Mbps
1.2
ns
1000Mbps
1.2
ns
RGMII10 toh(TXC-TD)
Output hold time, RGMII[x]_TD[3:0] valid after RGMII[x]_TXC
high/low
10Mbps
1.2
ns
100Mbps
1.2
ns
1000Mbps
1.2
ns
toh(TXC-TX_CTL)
Output hold time, RGMII[x]_TX_CTL valid after
RGMII[x]_TXC high/low
10Mbps
1.2
ns
100Mbps
1.2
ns
1000Mbps
1.2
ns
RGMII[x]_TXC
(A)
RGMII[x]_TD[3:0]
(B)
RGMII[x] TX_CTL
_
(B)
RGMII9
1st Half-byte
TXERR
TXEN
2nd Half-byte
RGMII7
RGMII8
RGMII6
RGMII10
A.
TXC is delayed internally before being driven to the RGMII[x]_TXC pin. This internal delay is always enabled.
B.
Data and control information is received using both edges of the clocks. RGMII[x]_TD[3:0] carries data bits 3-0 on the rising edge of
RGMII[x]_TXC and data bits 7-4 on the falling edge of RGMII[x]_TXC. Similarly, RGMII[x]_TX_CTL carries TXEN on rising edge of
RGMII[x]_TXC and TXERR on falling edge of RGMII[x]_TXC.
Figure 7-30. CPSW3G RGMII[x]_TXC, RGMII[x]_TD[3:0], and RGMII[x]_TX_CTL Switching Characteristics
- RGMII Mode
7.10.5.2 CPTS
Table 7-34, Table 7-35, Figure 7-31, Table 7-36, and Figure 7-32 present timing conditions, requirements, and
switching characteristics for CPTS.
Table 7-34. CPTS Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
10
pF
Table 7-35. CPTS Timing Requirements
see Figure 7-31
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T1
tw(HWTSPUSHH)
Pulse duration, HWnTSPUSH high
12P(1) + 2
ns
T2
tw(HWTSPUSHL)
Pulse duration, HWnTSPUSH low
12P(1) + 2
ns
T3
tc(RFT_CLK)
Cycle time, RFT_CLK
5
8
ns
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
123
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com