Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 162 Page - Texas Instruments

Back Button AM625 Datasheet HTML 158Page - Texas Instruments AM625 Datasheet HTML 159Page - Texas Instruments AM625 Datasheet HTML 160Page - Texas Instruments AM625 Datasheet HTML 161Page - Texas Instruments AM625 Datasheet HTML 162Page - Texas Instruments AM625 Datasheet HTML 163Page - Texas Instruments AM625 Datasheet HTML 164Page - Texas Instruments AM625 Datasheet HTML 165Page - Texas Instruments AM625 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 235 page
background image
(3)
B = (TCS + .5) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register and Fratio = Even >= 2.
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit0
PHA=0
EPOL=1
POL=0
POL=1
PHA=1
EPOL=1
POL=0
POL=1
SM8
SM9
SM6
SM3
SM1
SM2
SM1
SM8
SM9
SM3
SM1
SM2
SM1
SM6
SM7
SM6
SM2
SM3
SM2
SM3
SM6
SM6
SM6
SPRSP08_TIMING_McSPI_01
Figure 7-64. SPI Controller Mode Transmit Timing
7.10.5.14.2 MCSPI — Peripheral Mode
Table 7-74, Figure 7-65, Table 7-75, and Figure 7-66 present timing requirements and switching characteristics
for SPI – Peripheral Mode.
Table 7-74. MCSPI Timing Requirements – Peripheral Mode
see Figure 7-65
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SS1
tc(SPICLK)
Cycle time, SPIn_CLK
20
ns
SS2
tw(SPICLKL)
Pulse duration, SPIn_CLK low
0.45P
(1)
ns
SS3
tw(SPICLKH)
Pulse duration, SPIn_CLK high
0.45P
(1)
ns
SS4
tsu(SIMO-SPICLK)
Setup time, SPIn_D[x] valid before SPIn_CLK active edge
5
ns
SS5
th(SPICLK-SIMO)
Hold time, SPIn_D[x] valid after SPIn_CLK active edge
5
ns
SS8
tsu(CS-SPICLK)
Setup time, SPIn_CSi valid before SPIn_CLK first edge
5
ns
SS9
th(SPICLK-CS)
Hold time, SPIn_CSi valid after SPIn_CLK last edge
5
ns
(1)
P = SPIn_CLK period in ns.
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
162
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com