Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 158 Page - Texas Instruments

Back Button AM625 Datasheet HTML 154Page - Texas Instruments AM625 Datasheet HTML 155Page - Texas Instruments AM625 Datasheet HTML 156Page - Texas Instruments AM625 Datasheet HTML 157Page - Texas Instruments AM625 Datasheet HTML 158Page - Texas Instruments AM625 Datasheet HTML 159Page - Texas Instruments AM625 Datasheet HTML 160Page - Texas Instruments AM625 Datasheet HTML 161Page - Texas Instruments AM625 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 235 page
background image
ASP8
ASP7
ASP4
ASP4
ASP3
ASP2
ASP2
ASP1
A0
A1
B0
B1
A30 A31
B30 B31 C0
C1 C2 C3
C31
MCASP[x]_ACLKR/X (Falling Edge Polarity)
MCASP[x]_AHCLKR/X (Rising Edge Polarity)
MCASP[x]_AFSR/X (Bit Width, 0 Bit Delay)
MCASP[x]_AFSR/X (Bit Width, 1 Bit Delay)
MCASP[x]_AFSR/X (Bit Width, 2 Bit Delay)
MCASP[x]_AFSR/X (Slot Width, 0 Bit Delay)
MCASP[x]_AFSR/X (Slot Width, 1 Bit Delay)
MCASP[x]_AFSR/X (Slot Width, 2 Bit Delay)
MCASP[x]_AXR[x] (Data In/Receive)
ASP6
ASP5
MCASP[x]_ACLKR/X (CLKRP = CLKXP = 0)
(A)
MCASP[x]_ACLKR/X (CLKRP = CLKXP = 1)
(B)
A.
For CLKRP = CLKXP = 0, the MCASP transmitter is configured for rising edge (to shift data out) and the MCASP receiver is configured
for falling edge (to shift data in).
B.
For CLKRP = CLKXP = 1, the MCASP transmitter is configured for falling edge (to shift data out) and the MCASP receiver is configured
for rising edge (to shift data in).
Figure 7-61. MCASP Timing Requirements
Table 7-70. MCASP Switching Characteristics
see Figure 7-62
NO.
PARAMETER
DESCRIPTION
MODE(1)
MIN
MAX
UNIT
ASP9 tc(AHCLKRX)
Cycle time, MCASP[x]_AHCLKR/X(4)
20
ns
ASP10 tw(AHCLKRX)
Pulse duration, MCASP[x]_AHCLKR/X(4) high or low
0.5P(2) - 2
ns
ASP11 tc(ACLKRX)
Cycle time, MCASP[x]_ACLKR/X(4)
20
ns
ASP12 tw(ACLKRX)
Pulse duration, MCASP[x]_ACLKR/X(4) high or low
0.5R(3) - 2
ns
ASP13 td(ACLKRX-AFSRX)
Delay time, MCASP[x]_ACLKR/X(4) transmit edge to
MCASP[x]_AFSR/X(4) output valid
ACLKR/X int
-1
7.25
ns
ACLKR/X ext in/out
-15.29
12.84
ASP14 td(ACLKX-AXR)
Delay time, MCASP[x]_ACLKX(4) transmit edge to
MCASP[x]_AXR(4) output valid
ACLKR/X int
-1
7.25
ns
ACLKR/X ext in/out
-15.29
12.84
ASP15 tdis(ACLKX-AXR)
Disable time, MCASP[x]_ACLKX(4) transmit edge to
MCASP[x]_AXR(4) output high impedance
ACLKR/X int
-1
7.25
ns
ACLKR/X ext in/out
-14.9
14
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
158
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com