Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 157 Page - Texas Instruments

Back Button AM625 Datasheet HTML 153Page - Texas Instruments AM625 Datasheet HTML 154Page - Texas Instruments AM625 Datasheet HTML 155Page - Texas Instruments AM625 Datasheet HTML 156Page - Texas Instruments AM625 Datasheet HTML 157Page - Texas Instruments AM625 Datasheet HTML 158Page - Texas Instruments AM625 Datasheet HTML 159Page - Texas Instruments AM625 Datasheet HTML 160Page - Texas Instruments AM625 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 235 page
background image
7.10.5.13 MCASP
Table 7-68, Table 7-69, Figure 7-61, Table 7-70, and Figure 7-62 present timing conditions, requirements, and
switching characteristics for MCASP.
Table 7-68. MCASP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.7
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
100
1100
ps
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
Table 7-69. MCASP Timing Requirements
see Figure 7-61
NO.
MODE(1)
MIN
MAX UNIT
ASP1 tc(AHCLKRX)
Cycle time, MCASP[x]_AHCLKR/X(4)
20
ns
ASP2 tw(AHCLKRX)
Pulse duration, MCASP[x]_AHCLKR/X(4) high or low
0.5P(2) -
1.53
ns
ASP3 tc(ACLKRX)
Cycle time, MCASP[x]_ACLKR/X(4)
20
ns
ASP4 tw(ACLKRX)
Pulse duration, MCASP[x]_ACLKR/X(4) high or low
0.5R(3) -
1.53
ns
ASP5 tsu(AFSRX-ACLKRX)
Setup time, MCASP[x]_AFSR/X(4) input valid before
MCASP[x]_ACLKR/X(4)
ACLKR/X int
9.29
ns
ACLKR/X ext in/out
4
ASP6 th(ACLKRX-AFSRX)
Hold time, MCASP[x]_AFSR/X(4) input valid after
MCASP[x]_ACLKR/X(4)
ACLKR/X int
-1
ns
ACLKR/X ext in/out
1.6
ASP7 tsu(AXR-ACLKRX)
Setup time, MCASP[x]_AXR(4) input valid before
MCASP[x]_ACLKR/X(4)
ACLKR/X int
9.29
ns
ACLKR/X ext in/out
4
ASP8 th(ACLKRX-AXR)
Hold time, MCASP[x]_AXR(4) input valid after
MCASP[x]_ACLKR/X(4)
ACLKR/X int
-1
ns
ACLKR/X ext in/out
1.6
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
P = AHCLKR/X period in ns.
(3)
R = ACLKR/X period in ns.
(4)
x in MCASP[x]_* is 0, 1 or 2
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
157
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com