Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 155 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 155 Page - Texas Instruments

Back Button AM625 Datasheet HTML 151Page - Texas Instruments AM625 Datasheet HTML 152Page - Texas Instruments AM625 Datasheet HTML 153Page - Texas Instruments AM625 Datasheet HTML 154Page - Texas Instruments AM625 Datasheet HTML 155Page - Texas Instruments AM625 Datasheet HTML 156Page - Texas Instruments AM625 Datasheet HTML 157Page - Texas Instruments AM625 Datasheet HTML 158Page - Texas Instruments AM625 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 235 page
background image
NO.(1) (6) PARAMETER
DESCRIPTION
MODE
MIN
MAX UNIT
I11
tf(SDA)
Fall time, SDA
Standard
300
ns
Fast
20*(Vdd/5.5
V)(5) (7)
300 (3) (7)
ns
I12
tf(SCL)
Fall time, SCL
Standard
300
ns
Fast
20*(Vdd/5.5
V)
300
ns
I13
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for STOP condition)
Standard
4000
ns
Fast
600
ns
I14
tw(SP)
Pulse duration, spike (must be supressed)
Standard
ns
Fast
0
50
ns
I15
tskew
Skew
Standard
3
ns
Fast
3
ns
I16
Cb
Capacitive load for each bus line
Standard
400
pF
Fast
400
pF
(1)
The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the devive is powered
down.
(2)
A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH)≥ 250 ns must then be
met. This will automatically be the case if the device does not stretch the low period of the SCL signal. If such a device does stretch the
low period of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH)= 1000 + 250 = 1250 ns (according to
the Standard-mode I2C-Bus Specification) before the SCL line is released.
(3)
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(4)
The maximum th(SDA-SCLL) has only to be met if the device does not stretch the low period [tw(SCLL)] of the SCL signal.
(5)
Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed
(6)
Software must properly configure the I2C module registers to achieve the timings shown in this table. See the device TRM for details.
(7)
These timings apply only to I2C0 and MCU_I2C0. I2C[3:1] and MCU_I2C1 use standard LVCMOS buffers to emulate open-drain
buffers and their rise/fall times should be referenced in the device IBIS model.
Table 7-65. Timing Requirements for I2C HS–Mode
NO.
PARAMETER
DESCRIPTION
CAPACITANCE
MIN
MAX
UNIT
I1
tc(SCL)
Cycle time, SCL
100 pF Max
294
ns
400 pF Max
588
ns
I2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a
repeated START condition)
100 pF Max
160
ns
400 pF Max
160
ns
I3
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a START
and a repeated START condition)
100 pF Max
160
ns
400 pF Max
160
ns
I4
tw(SCLL)
Pulse duration, SCL low
100 pF Max
160
ns
400 pF Max
320
ns
I5
tw(SCLH)
Pulse duration, SCL high
100 pF Max
60
ns
400 pF Max
120
ns
I6
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
100 pF Max
10
ns
400 pF Max
10
ns
I7
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
100 pF Max
0
70
ns
400 pF Max
0
150
ns
I13
tw(SDAH)
Setup time, SCL high before SDA high (for
STOP condition)
100 pF Max
160
ns
400 pF Max
160 (2)
ns
I14
tr(SDA)
Pulse duration, spike (must be suppressed)
100 pF Max
0
10 (2)
ns
400 pF Max
ns
I15
tskew
Skew
ns
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
155
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com