Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 152 Page - Texas Instruments

Back Button AM625 Datasheet HTML 148Page - Texas Instruments AM625 Datasheet HTML 149Page - Texas Instruments AM625 Datasheet HTML 150Page - Texas Instruments AM625 Datasheet HTML 151Page - Texas Instruments AM625 Datasheet HTML 152Page - Texas Instruments AM625 Datasheet HTML 153Page - Texas Instruments AM625 Datasheet HTML 154Page - Texas Instruments AM625 Datasheet HTML 155Page - Texas Instruments AM625 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 235 page
background image
Table 7-64. GPMC and NAND Flash Switching Characteristics – Asynchronous Mode (continued)
see Figure 7-56, Figure 7-57, Figure 7-58 and Figure 7-59
NO.
PARAMETER
MODE
(4)
MIN
MAX UNIT
GNF8 tw(wenIV-aleIV)
Delay time, output write enable GPMC_WEn
invalid to output address valid and address latch
enable GPMC_ADVn_ALE invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
F - 2
F + 2
ns
GNF9 tc(wen)
Cycle time, write
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
H
ns
GNF10 td(csnV-oenV)
Delay time, output chip select GPMC_CSn[i](2)
valid to output enable GPMC_OEn_REn valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
I - 2
I + 2
ns
GNF13 tw(oenV)
Pulse duration, output enable GPMC_OEn_REn
valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
K
ns
GNF14 tc(oen)
Cycle time, read
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
L
ns
GNF15 tw(oenIV-CSn[i]V)
Delay time, output enable GPMC_OEn_REn
invalid to output chip select GPMC_CSn[i](2)
invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
M - 2
M + 2
ns
(1)
A = (WEOffTime - WEOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(3)
(2)
In GPMC_CSn[i], i is equal to 0, 1, 2 or 3.
(3)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(4)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
For GPMC_FCLK_MUX:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 00 = CPSWHSDIV_CLKOUT3 = 2000/15 = 133.33 MHz
For TIMEPARAGRANULARITY_X1:
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
GPMC_FCLK
GPMC_CSn[i]
GPMC_BE0n_CLE
GPMC_ADCn_ALE
GPMC_OEn_REn
GPMC_WEn
GPMC_AD[15:0]
Command
GNF0
GNF1
GNF2
GNF3
GNF4
GNF5
GNF6
GPMC_12
A.
In GPMC_CSn[i], i is equal to 0, 1, 2 or 3.
Figure 7-56. GPMC and NAND Flash — Command Latch Cycle
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
152
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com