Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM625 Datasheet HTML 147Page - Texas Instruments AM625 Datasheet HTML 148Page - Texas Instruments AM625 Datasheet HTML 149Page - Texas Instruments AM625 Datasheet HTML 150Page - Texas Instruments AM625 Datasheet HTML 151Page - Texas Instruments AM625 Datasheet HTML 152Page - Texas Instruments AM625 Datasheet HTML 153Page - Texas Instruments AM625 Datasheet HTML 154Page - Texas Instruments AM625 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 235 page
background image
7.10.5.10.3 GPMC and NAND Flash — Asynchronous Mode
Table 7-63 and Table 7-64 present timing requirements and switching characteristics for GPMC and NAND Flash
— Asynchronous Mode.
Table 7-63. GPMC and NAND Flash Timing Requirements – Asynchronous Mode
see Figure 7-58
NO.
PARAMETER
DESCRIPTION
MODE
(4)
MIN
MAX
UNIT
133 MHz
GNF12
(1)
tacc(d)
Access time, input data GPMC_AD[15:0]
(3)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
J
(2)
ns
(1)
The GNF12 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of the read cycle and after GNF12 functional clock cycles, input data is internally sampled by the
active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field.
(2)
J = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(3)
(3)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(4)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
For GPMC_FCLK_MUX:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 00 = CPSWHSDIV_CLKOUT3 = 2000/15 = 133.33 MHz
For TIMEPARAGRANULARITY_X1:
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
Table 7-64. GPMC and NAND Flash Switching Characteristics – Asynchronous Mode
see Figure 7-56, Figure 7-57, Figure 7-58 and Figure 7-59
NO.
PARAMETER
MODE
(4)
MIN
MAX UNIT
GNF0 tw(wenV)
Pulse duration, output write enable GPMC_WEn
valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
A
TBD
ns
GNF1 td(csnV-wenV)
Delay time, output chip select GPMC_CSn[i](2)
valid to output write enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
B - 2
B + 2
ns
GNF2 tw(cleH-wenV)
Delay time, output lower-byte enable and
command latch enable GPMC_BE0n_CLE high to
output write enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
C - 2
C + 2
ns
GNF3 tw(wenV-dV)
Delay time, output data GPMC_AD[15:0] valid to
output write enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
D - 2
D + 2
ns
GNF4 tw(wenIV-dIV)
Delay time, output write enable GPMC_WEn
invalid to output data GPMC_AD[15:0] invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
E - 2
E + 2
ns
GNF5 tw(wenIV-cleIV)
Delay time, output write enable GPMC_WEn
invalid to output lower-byte enable and command
latch enable GPMC_BE0n_CLE invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
F - 2
F + 2
ns
GNF6 tw(wenIV-CSn[i]V) Delay time, output write enable GPMC_WEn
invalid to output chip select GPMC_CSn[i](2)
invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
G - 2
G + 2
ns
GNF7 tw(aleH-wenV)
Delay time, output address valid and address latch
enable GPMC_ADVn_ALE high to output write
enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
C - 2
C + 2
ns
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
151
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com