Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM625 Datasheet HTML 162Page - Texas Instruments AM625 Datasheet HTML 163Page - Texas Instruments AM625 Datasheet HTML 164Page - Texas Instruments AM625 Datasheet HTML 165Page - Texas Instruments AM625 Datasheet HTML 166Page - Texas Instruments AM625 Datasheet HTML 167Page - Texas Instruments AM625 Datasheet HTML 168Page - Texas Instruments AM625 Datasheet HTML 169Page - Texas Instruments AM625 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 235 page
background image
7.10.5.15.1 MMC0 - eMMC/SD/SDIO Interface
MMC0 interface is compliant with the JEDEC eMMC electrical standard v5.1 (JESD84-B51) and it supports the
following eMMC applications:
• Legacy SDR
• High Speed SDR
• HS200
MMC0 interface is also compliant with the SD Host Controller Standard Specification 4.10 and SD Physical
Layer Specification v3.01 as well as SDIO Specification v3.00 and it supports the following SD Card applications:
• Default Speed
• High Speed
• UHS–I SDR12
• UHS–I SDR25
• UHS–I SDR50
• UHS–I DDR50
• UHS–I SDR104
Table 7-76 presents the required DLL software configuration settings for MMC0 timing modes.
Table 7-76. MMC0 DLL Delay Mapping for all Timing Modes
REGISTER NAME
MMCSD0_SS_PHY_CTRL_4_REG
MMCSD0_SS_PHY_CTRL_5_REG
BIT FIELD
[20]
[15:12]
[8]
[4:0]
[2:0]
BIT FIELD NAME
OTAPDLYENA OTAPDLYSEL ITAPDLYENA
ITAPDLYSEL
CLKBUFSEL
MODE
DESCRIPTION
DELAY
ENABLE
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DELAY
BUFFER
DURATION
Legacy
SDR
8-bit PHY operating
1.8 V, 25 MHz
0x0
NA(1)
0x0
NA(1)
0x7
8-bit PHY operating
3.3 V, 25 MHz
0x0
NA(1)
0x0
NA(1)
0x7
High
Speed
SDR
8-bit PHY operating
1.8 V, 50 MHz
0x0
NA(1)
0x0
NA(1)
0x7
8-bit PHY operating
3.3 V, 50 MHz
0x0
NA(1)
0x0
NA(1)
0x7
HS200
8-bit PHY operating
1.8 V, 200 MHz
0x1
0x6
0x1
Tuning(2)
0x7
Default
Speed
4-bit PHY operating
3.3 V, 25 MHz
0x1
0x0
0x1
0x0
0x7
High
Speed
4-bit PHY operating
3.3 V, 50 MHz
0x1
0x0
0x1
0x0
0x7
UHS-I
SDR12
4-bit PHY operating
1.8 V, 25 MHz
0x1
0xF
0x1
0x0
0x7
UHS-I
SDR25
4-bit PHY operating
1.8 V, 50 MHz
0x1
0xF
0x1
0x0
0x7
UHS-I
SDR50
4-bit PHY operating
1.8 V, 100 MHz
0x1
0xC
0x1
Tuning(2)
0x7
UHS-I
DDR50
4-bit PHY operating
1.8 V, 50 MHz
0x1
0x9
0x1
Tuning(2)
0x7
UHS-I
SDR104
4-bit PHY operating
1.8, V 200 MHz
0x1
0x6
0x1
Tuning(2)
0x7
(1)
NA means Not Applicable
(2)
Tuning means this mode requires a tuning algorithm to be used for optimal input timing
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
166
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com