Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM625 Datasheet HTML 165Page - Texas Instruments AM625 Datasheet HTML 166Page - Texas Instruments AM625 Datasheet HTML 167Page - Texas Instruments AM625 Datasheet HTML 168Page - Texas Instruments AM625 Datasheet HTML 169Page - Texas Instruments AM625 Datasheet HTML 170Page - Texas Instruments AM625 Datasheet HTML 171Page - Texas Instruments AM625 Datasheet HTML 172Page - Texas Instruments AM625 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 235 page
background image
7.10.5.15.1.2 High Speed SDR Mode
Table 7-80, Figure 7-69, Table 7-81, and Figure 7-70 present timing requirements and switching characteristics
for MMC0 – High Speed SDR Mode.
Table 7-80. MMC0 Timing Requirements – High Speed SDR Mode
see Figure 7-69
NO.
IO
Operating
Voltage
MIN
MAX
UNIT
HSSDR1
tsu(cmdV-clkH)
Setup time, MMC0_CMD valid before MMC0_CLK rising edge
1.8 V
2.15
ns
3.3 V
2.24
ns
HSSDR2
th(clkH-cmdV)
Hold time, MMC0_CMD valid after MMC0_CLK rising edge
1.8 V
1.27
ns
3.3 V
1.66
ns
HSSDR3
tsu(dV-clkH)
Setup time, MMC0_DAT[7:0] valid before MMC0_CLK rising edge
1.8 V
2.15
ns
3.3 V
2.24
ns
HSSDR4
th(clkH-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK rising edge
1.8 V
1.27
ns
3.3 V
1.66
ns
Figure 7-69. MMC0 – High Speed SDR Mode – Receive Mode
Table 7-81. MMC0 Switching Characteristics – High Speed SDR Mode
see Figure 7-70
NO.
PARAMETER
IO
Operating
Voltage
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
50
MHz
HSSDR5
tc(clk)
Cycle time, MMC0_CLK
20
ns
HSSDR6
tw(clkH)
Pulse duration, MMC0_CLK high
9.2
ns
HSSDR7
tw(clkL)
Pulse duration, MMC0_CLK low
9.2
ns
HSSDR8
td(clkL-cmdV)
Delay time, MMC0_CLK falling edge to MMC0_CMD transition
1.8 V
-1.55
3.05
ns
3.3 V
-1.8
2.2
ns
HSSDR9
td(clkL-dV)
Delay time, MMC0_CLK falling edge to MMC0_DAT[7:0] transition
1.8 V
-1.55
3.05
ns
3.3 V
-1.8
2.2
ns
Figure 7-70. MMC0 – High Speed SDR Mode – Transmit Mode
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
169
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com