Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 167 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 167 Page - Texas Instruments

Back Button AM625 Datasheet HTML 163Page - Texas Instruments AM625 Datasheet HTML 164Page - Texas Instruments AM625 Datasheet HTML 165Page - Texas Instruments AM625 Datasheet HTML 166Page - Texas Instruments AM625 Datasheet HTML 167Page - Texas Instruments AM625 Datasheet HTML 168Page - Texas Instruments AM625 Datasheet HTML 169Page - Texas Instruments AM625 Datasheet HTML 170Page - Texas Instruments AM625 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 235 page
background image
Table 7-77 presents timing conditions for MMC0.
Table 7-77. MMC0 Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
Legacy SDR @ 3.3 V
High Speed SDR@ 3.3V
Default Speed
High Speed
0.69
2.06
V/ns
Legacy SDR @ 1.8 V
UHS-I SDR12
0.14
1.44
V/ns
High Speed SDR @ 1.8 V
UHS-I SDR25
0.3
1.34
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
HS200
UHS-I SDR104
1
10
pF
All other modes
1
12
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
Legacy SDR
High Speed SDR
HS200
126
756
ps
Default Speed
High Speed
UHS-I SDR12
UHS-I SDR25
UHS-I SDR50
UHS-I SDR104
126
1386
ps
UHS-I DDR50
239
1134
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch across all
traces
High Speed SDR
HS200
High Speed
UHS-I SDR104
8
ps
UHS-I DDR50
20
ps
All other modes
100
ps
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
167
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com