Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 16Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 17Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 18Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 19Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 20Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 21Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 22Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 23Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
Amphenol
20
Amphenol
FEATURES AND BENEFITS
Large crimping area assures low contact resistance and high tensile strength
Back insulator provides closed entry for socket inner contact against axial loads
Front insulator provides closed entry for socket inner contact
Recessed inner contact is protected
Outer contact has rugged wall section for durability
MATERIALS AND FINISH
Body: Copper alloy
Finish: Gold over nickel on mating parts
Insulators: High Performance Fluorocarbon
TYPICAL COAXIAL CABLE
GUIDELINE TO CHOOSE THE RIGHT COAXIAL CONTACT
Choose the contact application :
Standard Frequency, High Frequency or very high Frequency
Standard Frequency: Non Impedance Matched Contacts ( VSWR: 1.5:1)
High Frequency: Impedance Matched Contacts (VSWR: 1.2:1 +.04F (GHz) up to 3GHz)
Very High Frequency: BMA / BMZ Interface contacts
Check the cable diameter versus the contact size :
Sometimes we can use a smaller contact
Sometimes the wire is bigger than the contact
SHIELDED COAXIAL CONTACT
Center conductor
Insulation
Braid
Jacket
Coaxial Contacts
?
These contacts are required for high frequency interconnection. High
speedCoaxcontactswithinaconnectorprovidetheshieldingprotection
in order to eliminate interferences from outside electrical sources, and
many cases the RF/Microwave performance needed in the circuitry of
many applications.
For more details, please refer contact and cable selection guides at page 56
!
Coaxial Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com