Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 37Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 38Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 39Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 40Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 41Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 42Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 43Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 44Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
Amphenol
41
Amphenol
Differential Twinax Contacts
CRIMP CONTACTS
MIL-DTL-38999 SERIES III / EN3645 / EN4165
Cable
Contact Part Number
Crimping Tools
Pin
Socket
Impedance
(Ohms)
Inner contact
Outer contact
Tensolite 24463/05099X-8(LD),
Thermax MX 100-24, Tensolite
24463/9P025X-2(LD), Thermax 12814,
ST5M1284-003 (98 Ohm),
26463/70460X- 2 (98 Ohm),
PIC E10224, Fileca 2709-3,
NF24T100-200C
(Space), S280W502-1
900418
900419
100
M22520/2-01 with
M22520/2-37 or
with Daniels
positionner
K709
M22520/5-01 with
die
set M22520/5-45
(Location A)
GORE GSC-05-827300-00 Tensolite
26453/03184X-2(LD) Thermax 956-626Z
600931
600932
Tensolite 26453/03184X-2(LD), Thermax
956-626Z, GORE GSC-05-827300-00
ASNE08072003-09
600933
600934
23460/05114X-2(LD), PIC E1024
600935
600936
Raychem 0026A0024, M17/176-00002
(77 Ohm)
600937
600938
JSFY11-24, Tensolite 24463/03220T-2(LD),
Thermax 956-1T200
600939
600940
S280W502-6, Tensolite 24463/9P026X-2(LD)
600941
600942
AXON P509782
600943
600944
Tensolite 26453/03184X-2(LD)
600945
600946
Gore DXN 2125
600947
600948
Tensolite 26483/03071X-2(LD)
900294
900299
150
Tensolite 26483/03071X-2(LD)
600858
600899
DIFFERENTIAL TWINAX CONTACTS
Differential Twinax Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com