Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 26Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 27Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 28Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 29Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 30Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 31Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 32Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 33Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Amphenol
30
Amphenol
SMPM INTERFACE SPECIFICATIONS
Impedance
50 Ω
Frequency Range
DC – 65 GHz
VSWR
1.1:1 DC to 26.5 GHz (typical)
1.3:1 26.5 to 65 GHz (typical)
Insertion Loss (Adapters)
.10 dB x √f (where f = GHz) dB
Insertion Loss (Cable Connectors)
.12 dB x √f (where f = GHz) dB
Contact Resistance (Max.)
center conductor:
6.0 mΩ
outer conductor:
2.0 mΩ
Insulation Resistance (Min.)
5,000MΩ
DWV
325 VRMS
RF Leakage
–80 dB from DC to 3 GHz
–65 dB from 3 to 65 GHz
Contact
Size
Interface
Cable
Frequency
Contact Part Number
Piggyback
Grommet
Pin
Socket
8
BMZ
TFLEX-405
40 GHZ
600920
600925
TFLEX-405
18 GHZ
600921
600926
RG-400/
RG-142
12 GHZ
600922
600927
900471
TFLEX-402
18 GHZ
600923
600919
900472
BMA
TFLEX-405
26.5 GHZ
600600
600580
TFLEX-402
26.5 GHZ
600606
600581
900472
Contact
Size
Interface
Cable
Frequency
Contact Part Number
Piggyback
Grommet
Pin
Socket
12
SMPM
TFLEX-405
65 GHZ
600924
600928
Contact
Size
Interface
Cable
Frequency
Contact Part Number
Piggyback
Grommet
Pin
Socket
16
SMPM
0.047 DIA
CABLE
65 GHZ
600929
600930
RF COAXIAL CONTACT
Coaxial Contacts
Contacts size 12 or 16
SMPM Interface
MIL-DTL-38999 SERIES I, III / EN3645
Coaxial Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com