Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 27Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 28Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 29Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 30Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 31Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 32Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 33Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 34Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Impedance
50 Ω
Frequency Range
DC – 65 GHz
VSWR
1.1:1 DC to 26.5 GHz (typical)
1.3:1 26.5 to 65 GHz (typical)
Insertion Loss (Adapters)
.10 dB x √f (where f = GHz) dB
Insertion Loss (Cable Connectors)
.12 dB x √f (where f = GHz) dB
Contact Resistance (Max.)
center conductor:
6.0 mΩ
outer conductor:
2.0 mΩ
Insulation Resistance (Min.)
5,000MΩ
DWV
325 VRMS
RF Leakage
–80 dB from DC to 3 GHz
–65 dB from 3 to 65 GHz
75 OHMS COAXIAL CONTACT
Amphenol
31
Amphenol
Coaxial Contacts
Coaxial Contacts
FEATURES AND BENEFITS
75 OHMS SIZE 6 CONTACTS AND CONNECTORS
MATERIALS AND FINISH
SMPTE STANDARDS
MIL-DTL-38999 / EN3645 CONNECTORS
CRIMP AND PCB VERSION AVAILABLE
MEET 3G-SDI VIDEO FORMAT
Sleeve : Stainless steel
Contact & Ferrule : Copper Alloy
Insulator: PTFE
Rear Body & Contacts: Gold over nickel
SMPTE: Society of Motion and Television Engineers
SDI: Serial Digital Interface
SD-SDI: Standard Definition SDI (SMPTE 259M)
ED-SDI: Enhanced Definition SDI (SMPTE 344M)
HD-SDI: High Definition SDI (SMPTE 292M)
3G-SDI: (SMPTE 424M)
SIZE 6 CONTACT CONNECTORS AND ARRANGEMENTS
SHELL SIZE: 11
Please consult us
SHELL SIZE: 19
Please consult us
Contact
Size
Cable
SMPTE
Contact Part Number
Piggy Back
Grommet
SD-SDI
HD-SDI
3G-SDI
PIN
SOCKET
6
RG179B/U
X
X
X
600757
603180
600762
DRAKA HD PRO 0.8/3.7 AF
X
X
X
600813
600715
600759
BELDEN RG59 0.8/3.7
X
X
X
GRÜN 0.6/3.7
X
X
X
MIL-DTL-38999 SERIES I, III / EN3645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com