Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 51Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 52Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 53Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 54Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 55Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 56Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 57Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 58Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
Amphenol
55
LUX-BEAM®
Optical Termini
Optical Termini
CABLE ASSEMBLIES WITH LUX-BEAM™ TO OTHER TERMINI
Designation
LXB
16
P
A
1
D
1
L
0020 ST2
1
D
0
M
Type of Termini
LXB: LUX-BEAM™, Single expanded beam
optical termini
Cavity size
16: size 16 for 38999 series III
Type of termini
P : pin termini
S2 : socket termini for series II
S3 : socket termini for series III
Wavelength
A: optimised for wavelength 850nm (Multimode)
B: optimised for wavelength 1300nm (Multimode)
C : optimised for wavelength 850nm & 1300nm (Multimode)
Termination type
1: PC Ceramic
Boot form
D: straight boot
Type of fiber
1: 50/125 Multimode
2: 62.5/125 Multimode
Type of cable
L: Simplex cable with buffer 900µm and outer jacket dia. 1.8mm
Length
XXXX: length in m for L ≥ 10m, ex 0020 for L=20 meters
X.XX: length in m for L < 10m, ex 5.00 for L=5.0 meters
Type of Termini
XXX: pigtail
ST2: connector ST2
954: connector SC simplex
LCS: connector LC simplex
ELU: connector ARINC 801 optical termini
Termination type
1: PC Ceramic
Boot form
D: straight boot
Protective Cap
O: standard protective cap
Marking
: standard marking
MX: specific marking
HOW TO ORDER CABLE ASSEMBLIES WITH LUX-BEAMTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com