Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 20Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 21Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 22Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 23Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 24Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 25Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 26Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 27Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Amphenol
24
Coaxial Contacts
Coaxial Contacts
AMPHENOL® MATCHED IMPEDANCE SIZE 12 COAXIAL
CONTACTS FOR RF/MICROWAVE, HIGH FREQUENCY AND
HIGH PERFORMANCE REQUIREMENTS
MATCHED IMPEDANCE COAX CONTACT PERFORMANCE
Contact impedance = 50 ohms nominal
Frequency range = 0–3 GHz Operable at higher
frequencies depending on cable selection.
Consult Amphenol for details.
Dielectric withstanding voltage
(for a mated pair):
At sea level = 1000 VRMS
At 50, 000 ft. = 250 VRMS
Insulation resistance: 5 gigaohms min. @ 25°C
VSWR: 1.20 + .04F (F in GHz) max. up to 3 GHz
Insertion Loss: .11 fGHz dB max.
Environmental Specifications:
Thermal limits: –55 ° to 200°C
Mechanical Specifications:
Mating: slide-on
Mounting: conforms to M39029/102 & /103
envelope dimensions
Contact
Size
Cable
Contact Part Number
Crimping Tools
Pin
Socket
Proprietary
Standard
Proprietary
Standard
Inner contact
Crimp ferrule
12
(Series II)
RG-316, T-Flex-405
900384
600750
MH992 with K1360 (5)
M22520 5-01 with
M225205-03(a)
RG178, Gore CXN 340
600907
600659
MH992 with K1360 (4)
12
(Series III)
RD316, Filotex, ET124962,
M17/152-00 001
900385
M39029/103
type
900395
M39029/102
type
MH992 with K1360 (5)
JN1088WT
600905
600915
MH992 with K1360 (6)
PAN6422XQ
600906
600916
MH992 with K1360 (5)
RG178, GORE CXN 3403
600907
600917
MH992 with K1360 (4)
SFT-316-TR
600908
600918
MH992 with K1360 (5)
RG316
900384
900394
MH992 with K1360(5)
MIL-DTL-38999 SERIES I, II, III / EN3645 / EN4165
IMPEDANCE MATCHED COAXIAL CONTACT
The use of this contact is mandatory when he performance of standard Mil or EN
contacts is not sufficient to achieve the level of signal transmission required. Below
a large range of contacts with the correspondence of cable PN.
MH992 is supplied by DMC Tools
Coaxial Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com