Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 23Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 24Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 25Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 26Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 27Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 28Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 29Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 30Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
Amphenol
27
Amphenol
Coaxial Contacts
Coaxial Contacts
SHIELDED COAXIAL CONTACT
Connectors with
Coax Contacts
MIL-DTL-38999
series I
MIL-DTL-38999
series III / EN3645
MIL-DTL-38999
series III / EN3645
composite
Sizes
9 to 17
19 to 25
9 to 11
13
15 to 17 19 to 25
9 to 11
13 to 25
L1
8,3 - 9,5
9,7 - 10,9
9,6 - 10,8
9,7 - 10,9
9,6 - 10,7
L2
0,7 - 1,9
0,3 - 1,5
0,6 - 1,8
0,6 - 1,7 0,6 - 1,8
(-0,5) - 0,7
L1
7,9 - 9,1
9,3 - 10,5
9,2 - 10,4
9,3 - 10,5
9,2 - 10,3
L2
0,3 - 1,5
(-0,1) - 1,1
0,2 - 1,4
0,2 - 1,3 0,2 - 1,4
(-0,9) - 0,3
Sizes
9 to 25
9 to 25
9 to 19
21 to 25
L1
13,4 - 14,5
8,9 - 10
8,9 - 10,1
9 - 10,1
L2
1,2 - 2,5
0,6 - 1,8
0,6 - 1,8
L1
13 - 14,1
8,5 - 9,6
8,5 - 9,7
8,6 - 9,7
L2
0,8 - 2,1
0,2 - 1,4
0,2 - 1,4
Sizes
9 to 19
21 to 25
9 to 19
21 to 25
9 to 19
21 to 25
L1
10,9 - 12
11,7 - 12,8
11,2 - 12,3
11,9 - 13
12,4 - 13,4
13,2 - 14,2
L2
0,9 - 2,1
0,6 - 1,8
0,6 - 1,8
L1
10,5 - 11,6
11,3 - 12,4
10,8 - 11,9
11,5 - 12,6
12 - 13
12,8 - 13,8
L2
0,5 - 1,7
0,2 - 1,4
0,2 - 1,4
Sizes
/
9 to 19
21 to 25
/
L1
11,2 - 12,3
11,9 - 13
L2
6,4 - 7,7
L1
10,8 - 11,9
11,5 - 12,6
L2
6 - 7,3
Pin 900184, Socket 900405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com