Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 50Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 51Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 52Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 53Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 54Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 55Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 56Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 57Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
Amphenol
54
Optical Termini
Optical Termini
LUX-BEAM®
Designation
LXB
LXB
16
16
P
S2
A
C
18X
18X
Series
LXB : LUX-BEAM, Single expanded beam optical termini
Cavity size
16 : size 16 for 38999 series III
Type of termini
P : Pin termini
S2 : Socket termini for series II
S3 : socket termini for seriess III
Wavelength
A : optimised for wavelength 850nm (Multimode)
B : optimised for wavelength 1300nm (Multimode)
C : optimised for wavelength 850nm & 1300nm (Multimode)
Cable
18X : for cable 1.8mm
SPECIFICATION
MEASUREMENT DETAILS
STANDARD
METHOD
Insertion loss
1.5dB max multimode, 850nm
1.5dB max multimode, 1300nm
MIL-PRF-29504D
TIA-455-34
Mating durability
500 cycles
MIL-DTL-38999
TIA-455-21
Operating temperature,
temperature life
125°C 1000H
MIL-PRF-29504D
TIA-455-04
Storage temperature
-40°C / +85°C
MIL-PRF-29504D
Temperature cycling
5 cycles -40°C +70°C
MIL-DTL-38999
TIA-455-03
Thermal shock
5 cycles -55°C +125°C
MIL-PRF-29504D
TIA-455-34
Humidity
24h at 50°C max 33% hum
240H at 40°C 90% RH
MIL-DTL-38999
TIA-455-05
Salt spray
48H
MIL-PRF-29504D
TIA-455-16
Vibration
Connectors mated
Method B: Figure 2, Table 1, level J (1g2/Hz)
Duration: 8h / axe – 2 axes longitudinal and
perpendicular direction.
Duration of micro-discontinuity : < 1µs
IL max 2dB.
EN2591-6403
Shock
Method A, severity 100
Number of shocks: 1 each way for each of the
2 directions
(6 shocks in all).
Duration of micro-discontinuity : < 1µs
EN2591-6402
Insertion and removal force
max 22 pounds
MIL-PRF-29504D
3.6.9
Maintenance aging
10 insertions / removal cycles
MIL-PRF-29504D
3.6.13
TECHNICAL DATA
HOW TO ORDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com