Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 21Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 22Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 23Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 24Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 25Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 26Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 27Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 28Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
Amphenol
25
Amphenol
25
Coaxial Contacts
Coaxial Contacts
SHIELDED COAXIAL CONTACT
TYPICAL COAXIAL CONTACT INSTALLATION INSTRUCTIONS
Picture
Process
Check
Tools
Strip the jacket slide the piggy back
grommet and crimping ferule
Do not damage
the braid
Blade
Trim shield strip cable core
Do not damage
the inner
conductor
Blade
Position nut on retainer as illustrated
flare shield and slide nut and retainer
assembly under the cable shield until
retainer bottoms against braid
Slide inner pin contact over cable center
conductor crimp inner conductor
The inner conductor
shall
be visible thru the
inspection hole
M22520/2-01 with
positionner
M22520/2-
31 (5)
Slide nut and retainer assembly forward
until retainer flush with edge of
cable core crimp shield crimp sleeve and
observe a 0,25 and 1,3mm dimension
Nut must be rotate
freely
after crimping sleeve
M22520/5-01 with die
M22520/5-37 (B)
Slide rear insulator using expander tool.
slide tool over inner pin contact.
Push rear insulator with push rod until it
seats between retainer end and
inner pin contact shoulder
Expander tool
bendix p/n 11-
10136 or equivalent
rod bendinx p/n
11-10135 or
equivalent
Snap rear insulator behind inner contact
shoulder slide fron insulator until the
inner contact flange
Slide outer socket contact over inner pin
assembly and insulator thread nut into
rear of outer pin contact
tighten nut until metal to metal
( 0,21 - 0,25N.m)
Do not allow the
cable to rotate while
tightening the nut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com