Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 52Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 53Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 54Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 55Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 56Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 57Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 58Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 59Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Amphenol
56
Optical Termini
Optical Termini
LUMIÉRE
FIBER OPTIC TERMINI
Hermaphroditic style allows one contact type
Standard 2.5mm ST type ferrule interface allows the use of standard termination
procedures and readily available tools
Simple access to optical termini facilitates cleaning
Options available for single mode and multimode fiber
Pull Proof option allows the use of the terminus in a connector without a backshell
Supports both tight or loose structure cable
FEATURES AND BENEFITS
Typical IL: 0.3dB SM, 0.2dB MM @ 1300nm
Typical Return Loss: -30dB SM and MM @ 1300nm
OPTICAL PERFORMANCE
ABOUT THE LUMIERE
Amphenol Fiber Systems International (AFSI) offers the Lumiére fiber optic terminus for commercial airframe, avionics and
aerospace applications. AFSI's Lumiére termini are a direct replacement for ELIO® termini and are compatible with existing
ELIO® connectors. This fiber optic contact utilizes a 2.5mm diameter field-proven ceramic ST type ferrule which can be
inserted into a size #16 cavity.
The terminus is hermaphroditic allowing the use of the same contact on the receptacle or plug. In addition, the contact
is available in both multi-mode and single mode versions and an anti-rotation feature allows PC, UPC and APC polishes.
Because the Lumiére uses a standard ST type ferrule, well known procedures and readily available tools can be used for
termination. Long and short boot versions are available to support multiple connector types.
Amphenol also manufactures a full line of EN 4531 rectangular and cylindrical connectors to house the Lumiére termini.
Part Number
Description
AOT 4532-1
Lumiére-S, Short Boot
AOT 4531-2
Lumiére-L, Long Boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com