Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 53Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 54Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 55Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 56Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 57Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 58Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 59Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 60Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
Amphenol
57
Optical Termini
ARINC 801
FIBER OPTIC TERMINI
Flexible design for use in multiple connector types
Genderless terminus allows one contact type
Standard 1.25 mm LC ferrule interface allows the use of standard termination procedures and widely available
tools
Options available for single mode and multimode fiber in PC or APC polishes
Pull-proof option allows the use of the terminus in a connector without a backshell
Works with tight or loose structure cable
All stainless steel option available
FEATURES AND BENEFITS
ABOUT ARINC 801 TERMINI
Amphenol Fiber Systems International (AFSI) offers the fully-compliant ARINC 801 fiber optic terminus for aerospace
applications. The AFSI ARINC 801 uses a standard 1.25 mm ferrule and sleeve and can be terminated with standard
LC termination procedures. The terminus can be inserted, or removed, from the connector with a standard size 16
removal tool.
The terminus is available in both multimode and single mode versions. The fiber optic contact
provides low insertion loss (0.3 dB max) and backreflection (-50 dB). In addition to the standard PC end-face option,
AFSI’s ARINC 801 is offered with an APC end-face for those applications
requiring lower backreflection.
The terminus is highly flexible and is used primarily in ARINC 801, 600, 404, 781 and EPXA/B multichannel
connectors. The fiber optic contact is offered in an optional pull-proof (allows the use of the contact in a connector
without a strain-relief backshell) configuration and an optical disconnect style for tight jacket cable.
Specification
Measurement/Detail
Insertion Loss
0.3 dBmax (multimode)
0.5 dBmax (singlemode)
Operating Temperature
-55° C to +85° C
Connector Format
ARINC 600, 404, 781&801;MIL-DTL-82527 type;
MIL-DTL-38999
Mating
100 mate/demate cycles
Cable OD Supported
1.55 mm to 2.2 mm
Optical Termini



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com