Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 24Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 25Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 26Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 27Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 28Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 29Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 30Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 31Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Amphenol
28
Amphenol
APPLICATIONS
MATERIALS AND FINISH
The HIGHEST frequency available on the market : up to 65 GHz
The LARGEST range of size available on the market : 3 sizes - 8, 12 & 16
Designed for HARSH ENVIRONMENT : resistance to shocks and vibrations
Unique float mount technology to allow consistant microwave performance
Battlefield communications : high frequency applications
Aerospace
Telecom : radars, wireless networks (wifi, GSM)
Body and Sleeve :
Stainless steel per AMS-5640 Alloy UNS S30300 Type 1
Ferrule :
Brass per ASTM B16,Alloy UNS C36000
Contact & Lock Ring :
Beryllium copper per ASTM B196 Alloy UNS C17300, Td04
Insulator :
PTFE per ASTM D1710,Type 1, Grade 1, Class B
Spring :
Stainless steel per ASTM A313 Type 631
Rear Body & Contacts :
Gold per ASTM B488 Type II,Code C, Class 1.27;
over Nickel per AMS-QQ-N-290 Class 1 (60μ inches);
over Copper per MIL-C-14550 (10μ inches)
Passivated per AMS-2700, Type 2
FEATURES AND BENEFITS
RF COAXIAL CONTACT
Coaxial Contacts
Coaxial Contacts
MIL-DTL-38999 SERIES I, III / EN3645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com