Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 30Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 31Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 32Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 33Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 34Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 35Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 36Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 37Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Amphenol
34
Amphenol
Amphenol ConcentricTwinaxContacts
TWINAX CONTACTS
FEATURES AND BENEFITS
Protection from magnetic interference
Protection from electrostatic interference including nuclear
electromagnetic pulse
Meets parameters defined by MIL-STD-1553B
Maintains shield integrity through a multi-pin circular connector and
does not require contact polarization within the insert
MATERIALS AND FINISH
Body: Copper alloy
Finish: Gold over nickel on mating parts
Insulators: High Performance Fluorocarbon or PEEK
TYPICAL TWINAXIAL CABLE
DO YOU KNOW BUS1553 AND ARINC429 ?
Amphenol size 8 concentric twinax are designed for use in MIL-STD-1553 data bus. MIL-STD-1553 is a military
standard published by the United Department of Defense that defines the mechanical, electrical and functional
characteristics of a serial data bus.
Amphenol size 8 concentric twinax are designed for use in ARINC429 or DITS (Data InformationTransfer System).
ARINC429 is technical standard for the avionics data bus used commercial and transport aircraft.
?
Center conductor
Insulation
Braid
Jacket
Concentric Twinax Contacts
Amphenol Twinax contacts were designed for use with twinax cable in data Bus systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com