Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 45Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 46Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 47Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 48Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 49Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 50Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 51Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 52Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
µCOM-10GB +
HARSH ENVIRONMENT 10GB ETHERNET MICRO CONNECTORS
FEATURES AND BENEFITS
HOW TO ORDER
MAIN FEATURES
10Gb+ exceeds 10Gb/s Ethernet following IEEE 802.3an-2006 : 10GBase-T
Cat.6A connector according to TIA568C.2 and ISO/IEC11801 norms
Environmental testing based on MIL-DTL-38999 series III military specifications
Miniature : 15 mm(.59˝) max external diameter
4 pairs totally insulated throughout the connector
minimum cross-talk between the four pairs
Patent pending special interfacial shapes
minimum perturbation at the interface of each pair
Thread coupling mechanism
2000 mating cycles & high vibration resistance
Machined Brass shells and RoHS compliant plating
shell to shell continuity and 500h salt Spray
resistance
Machined & gold plated Solder and Crimp contacts
design & performance according to the innercontact of
M39029/77-429#16 M39029/76-425#16 38999 contact
Solder contact : max AWG24
Crimp contact : AWG 24 to 26
IP68 sealing mated and unmated for receptacles
1500 Vrms Dielectric Withstanding voltage
Temperature range : - 55°C / + 125°C
µCom Contacts
Amphenol
49
Amphenol
µCom Contacts
µCom Series is a new range of connectors designed to address the latest trends of the industry :
miniaturization and high speed, with the highest resistance for use in the harshest environments.
µCom-10Gb + is the first product of this new range.
Male plugs
UCOM - 10G+ P
T
C
B
G
A
Shell
P: plug
Mating (for plugs only)
T: thread
P: push-pull
Contacts termination
C: crimp
S: solder
Shell plating
B: black nickel
G: olive drab cadmium
U: unplated brass
Backshell type
G: gland
B: band
Cable diameter (for gland backshell only)
A: for cable diam 7.5mm
B: to be defined
Female receptacles
UCOM - 10G+ R
P
B
Shell
R: receptacle (push pull or thread)
Contacts termination
P: PCB
S: solder
C: crimp
Shell plating
B: black nickel
G: olive drab cadmium
U: unplated brass
Female In-line receptacles
UCOM - 10G+
L
S
B
G
A
Shell
L: in line receptacle (push pull or thread)
Contacts termination
C: crimp
S: solder
Shell plating
B: black nickel
G: olive drab cadmium
U: unplated brass
Backshell type
G: gland
B: band
Cable diameter (for gland backshell only)
A: for cable diam 7.5mm
B: to be defined
Cordsets
UCOM - 10G+ C
T
C
B
0 1 5
Shell
C: µCom plug - µCom plug cordset
D: µCom plug - RJ45 Cat6A plug cordset
E: µCom panel mount receptacle - RJ45 Cat6A plug cordset
F: µCom plug - µCom inline receptacle cordset
Open versions:
G: µCom plug - no connector at the end
H: µCom panel mount receptacle - no connector at the end
J: µCom inline receptacle - no connector at the end
Mating (for plugs only)
T: thread
Contacts termination
C: crimp
S: solder
Shell plating
B: black nickel
G: olive drab cadmium
U: unplated brass
Total length - For other lengths, please consult us.
002: 20 cm [7.87]
005: 50 cm [19.68]
010: 1.0 m [39.37]
015: 1.5 m [59.05]
020: 2.0 m [78.74]
050: 5.0 m [196.85]
100: 10.0 m [393.70]
For more information on µCom series, thanks to consult our dedicated datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com