Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 54Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 55Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 56Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 57Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 58Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 59Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 60Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 61Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
Amphenol
58
Amphenol provides a full range of accessories as:
Sealing plugs: to be mounted behind the crimp contacts
Dummy contacts: to be mounted instead of the contacts
Piggy Back Grommets:To insure back contact sealing when using size 8 power, coax, twinax or quadrax.
Those piggy back grommets are only compliant with tower grommet style
ACCESSORIES
SEALING PLUGS
DUMMY CONTACTS
PIGGY BACK GROMMET
Contact size
Proprietary No
Military No
8 power
900024
-
12
900023
MS27488-12-2
16
900020
MS27488-16-2
20
900021
MS27488-20-2
22D
900022
MS27488-22-2
23
900022
MS27488-22-2
Type of contact
Cable OD (mm)
Proprietary No
Size 8 power
4.4 to 5.2
900471
Size 8 twinax and coax
3 to 4.4
900472
Size 8 twinax and coax
3 to 4.4
900476*
Quadrax
3 to 4.4
603015
4.4 to 5.2
603016
Contact size
Dummy contact material
Proprietary No
4
White plastic
900329
8
Green plastic
900488
8
Brass + gold finish
900183
8
White plastic (recommended)
900029
12
Brass + gold finish
900025
12
White plastic
900486
16
Brass + gold finish
900028
16
Blue plastic
900026
20
Brass + gold finish
900332
Metal dummy contacts are recommended for applications requesting EMI protection.
* to use for arrangements 25-20, 19-17
Accessories
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com